Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCX07FN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74LCX07FN
Description  Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX07FN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74LCX07FN Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74LCX07F/FN/FT
2002-01-11
3
Recommended Operating Conditions
Characteristics
Symbol
Rating
Unit
2.0 to 3.6
Power supply voltage
VCC
1.5 to 3.6 (Note 4)
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5 (Note 5)
Output voltage
VOUT
0 to VCC (Note 6)
V
24
(Note 7)
Output current
IOL
12
(Note 8)
mA
Operating temperature
Topr
-40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
(Note 9)
ns/V
Note 4: Data retention only
Note 5: Output in OFF state
Note 6: Low state
Note 7: VCC = 3.0 to 3.6 V
Note 8: VCC = 2.7 to 3.0 V
Note 9: VIN = 0.8 to 2.0 V, VCC = 3.0 V
Electrical Characteristics
DC Characteristics (Ta
==== ----40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
¾
2.7 to 3.6
2.0
¾
Input voltage
L-level
VIL
¾
2.7 to 3.6
¾
0.8
V
IOL = 100 mA
2.7 to 3.6
¾
0.2
IOL = 12 mA
2.7
¾
0.4
IOL = 16 mA
3.0
¾
0.4
Output voltage
L-level
VOL
VIN = VIL
IOL = 24 mA
3.0
¾
0.55
V
Input leakage current
IIN
VIN = 0 to 5.5 V
2.7 to 3.6
¾
±5.0
mA
Output OFF state current
IOZ
VIN = VIH, VOUT = 0 to 5.5 V
2.7 to 3.6
¾
±5.0
mA
Power-off leakage current
IOFF
VIN/VOUT = 5.5 V
0
¾
10.0
mA
VIN = VCC or GND
2.7 to 3.6
¾
10.0
Quiescent supply current
ICC
VIN/VOUT = 3.6 to 5.5 V
2.7 to 3.6
¾
±10.0
Increase in Icc per input
DICC
VIH = VCC - 0.6
2.7 to 3.6
¾
500
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com