Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCX07FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74LCX07FN
Description  Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX07FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74LCX07FN Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC74LCX07F/FN/FT
2002-01-11
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Systm Diagram (per gate)
Inputs
Outputs
A
Y
L
L
H
Z
Z: High impedance
Maximum Ratings
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
-0.5 to 7.0
V
DC input voltage
VIN
-0.5 to 7.0
V
-0.5 to 7.0 (Note 1)
DC output voltage
VOUT
-0.5 to VCC + 0.5
(Note 2)
V
Input diode current
IIK
-50
mA
Output diode current
IOK
-50
(Note 3)
mA
DC output current
IOUT
50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
-65 to 150
°C
Note 1: Output in OFF state
Note 2: Low state. IOUT absolute maximum rating must be observed.
Note 3: VOUT < GND
VCC
14
6A
6Y
5A
5Y
4A
13
12
11
10
9
8
1A
1
2
3
4
5
6
7
1Y
2A
2Y
3A
3Y
GND
4Y
1A
2A
3A
4A
5A
6A
1Y
2Y
3Y
4Y
5Y
6Y
1
3
5
9
11
13
2
4
6
8
10
12
1
◊
A
Y



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com