Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6217C Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6217C
Description  Smart Quad Channel Low-Side Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6217C Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6217C Datasheet HTML 4Page - Infineon Technologies AG TLE6217C Datasheet HTML 5Page - Infineon Technologies AG TLE6217C Datasheet HTML 6Page - Infineon Technologies AG TLE6217C Datasheet HTML 7Page - Infineon Technologies AG TLE6217C Datasheet HTML 8Page - Infineon Technologies AG TLE6217C Datasheet HTML 9Page - Infineon Technologies AG TLE6217C Datasheet HTML 10Page - Infineon Technologies AG TLE6217C Datasheet HTML 11Page - Infineon Technologies AG TLE6217C Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Preliminary Datasheet TLE 6217
V5
Page 8 of 20
30. 07. 2002
Application Description
This IC is especially designed to drive inductive loads (relays, electromagnetic valves).
Integrated clamp-diodes limit the output voltage when inductive loads are discharged.
Four open-drain logic outputs indicate the status of the integrated circuit. The following conditions are
monitored and signalled:
- Overloading of output (also shorted load to supply) in active mode
- Open and shorted load to ground in active and inactive mode
- Overtemperature
Circuit Description
Input Circuits
The control and enable inputs, both active high, consist of schmitt triggers with hysteresis. All inputs are
provided with pull-down current sources. Not connected inputs are interpreted as low and the respective
output stages are switched off.
In standby mode (STBY = LOW) the current consumption is greatly reduced.
The circuit is active when STBY = HIGH.
If the standby function is not used, it is allowed to connect the standby pin directly to VS.
Status Signals: The status signals are undefined for 2ms after a power up event or a STBY low to high
transition.
Output Stages
The four power outputs consist of DMOS-power transistors with open drains. The output stages are
short circuit protected throughout the operating range. Each output has it's own zenerclamp. This
causes a voltage limitation at the power transistor when inductive loads are switched off.
Parallel to the DMOS transistors there are internal pull down current sources. They are provided to de-
tect an open load condition in the off state. They will be disconnected in the standby mode.
Due to EMI measures there is an internal zenerclamp in parallel to the output stage. It gets active above
33V drain source voltage. This leads to an increasing leakage current up to 1 mA @ VDS = 40V.
Protective Circuits
The outputs are protected against current overload and overtemperature. If the output current increases
above the overload detection threshold IQO for a longer time then tDSO or the temperature increases
above Tth, then the power transistor is immediately switched off. It remains off until the control signal at
the input is switched off and on again.
Fault Detection
The status outputs indicate the switching state of the output stage. Under normal conditions is: ST = low
⇒ Output off; ST = high ⇒ Output on. If an error occurs, the logic level of the status output is inverted,
as listed in the diagnostic table.
If current overload or overtemperature occurs for a longer time than tDSO, the fault condition is latched
into an internal register and the output is shutdown. The reset is done by switching off the corresponding
control input for a time longer than tD-IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com