Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6217C Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE6217C
Description  Smart Quad Channel Low-Side Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6217C Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE6217C Datasheet HTML 12Page - Infineon Technologies AG TLE6217C Datasheet HTML 13Page - Infineon Technologies AG TLE6217C Datasheet HTML 14Page - Infineon Technologies AG TLE6217C Datasheet HTML 15Page - Infineon Technologies AG TLE6217C Datasheet HTML 16Page - Infineon Technologies AG TLE6217C Datasheet HTML 17Page - Infineon Technologies AG TLE6217C Datasheet HTML 18Page - Infineon Technologies AG TLE6217C Datasheet HTML 19Page - Infineon Technologies AG TLE6217C Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Preliminary Datasheet TLE 6217
V5
Page 16 of 20
30. 07. 2002
Normal operation, followed by open load condition
IN
V
ID
ST
V
tD
12V
~ 55V
33%
Open load voltage condition
DS
V
ID(OL)
tD-failure
tfOL(off)-
tD-failure
Fig. 8
Overtemperature
IN
V
I
D
ST
V
t
DSO
Overtemperature
tINoff > tD-IN
Reset of overload
Flip Flop
I
D(OL)
tD-failure
tD-failure
Fig. 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com