Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6217C Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6217C
Description  Smart Quad Channel Low-Side Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6217C Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6217C Datasheet HTML 5Page - Infineon Technologies AG TLE6217C Datasheet HTML 6Page - Infineon Technologies AG TLE6217C Datasheet HTML 7Page - Infineon Technologies AG TLE6217C Datasheet HTML 8Page - Infineon Technologies AG TLE6217C Datasheet HTML 9Page - Infineon Technologies AG TLE6217C Datasheet HTML 10Page - Infineon Technologies AG TLE6217C Datasheet HTML 11Page - Infineon Technologies AG TLE6217C Datasheet HTML 12Page - Infineon Technologies AG TLE6217C Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Preliminary Datasheet TLE 6217
V5
Page 9 of 20
30. 07. 2002
Open load is detected for all four channels in on and off mode.
In the on mode the load current is monitored. If it drops below the specified threshold value IQU then an
open load condition is detected.
In the off mode, the output voltage is monitored. An open load condition is detected when the output
voltage of a given channel is below the threshold VDS(OL), which is typ. 33 % of the supply voltage VS. To
prevent an open load diagnosis in case of transient Voltages on the outputs the open load detection in
off mode uses a filter of typ. 30µs.
Status output at pulse width operation
If the input is operated with a pulsed signal, the status does not follow each single pulse of the input sig-
nal. An internal delay tD of typ. 1.2ms (min 500
µs) enables a continuous status output signal. See the
timing diagrams on the following pages for further information.
This internal status delay simplifies diagnostic software for pwm applications.
Diagnostic Table
In general the status follows the input signal in normal operating conditions.
If any error is detected the status is inverted.
Operating Condition
Standby
Input
Enable
Input
Control
Input
Power
Output
Status
Output
STBY
ENA
IN
Q
ST
Standby
L
X
X
off
H
Normal function
H
H
H
L
H
H
X
L
H
off
off
ON
L
L
H
Open load or short to ground
H
H
H
H
L
L
H
H
L
H
L
H
off
off
off
ON
H
H
H
L
Overload or short to supply
1)
reset latch
2)
H
H
H
H
H
L
H
H
→ L
X
off
off
off
L
L
L
Overtemperature
1)
reset latch
2)
H
H
H
H
H
L
H
H
→ L
X
off
off
off
L
L
L
Note 1) : overload/short-to-supply/overtemperature - events shorter than min. time tDSO specified in 2.10
will not be latched and not reported at the status pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com