Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9928 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP9928
Description  4V-60V Input, Current Mode, Synchronous Step-Down Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP9928 Datasheet HTML 13Page - Monolithic Power Systems MP9928 Datasheet HTML 14Page - Monolithic Power Systems MP9928 Datasheet HTML 15Page - Monolithic Power Systems MP9928 Datasheet HTML 16Page - Monolithic Power Systems MP9928 Datasheet HTML 17Page - Monolithic Power Systems MP9928 Datasheet HTML 18Page - Monolithic Power Systems MP9928 Datasheet HTML 19Page - Monolithic Power Systems MP9928 Datasheet HTML 20Page - Monolithic Power Systems MP9928 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
MP9928—4V TO 60V SYNCHRONOUS STEP-DOWN CONTROLLER
MP9928 Rev. 1.0
www.MonolithicPower.com
17
5/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
regulated to 5V. Using the VCC2 power supply
allows the VCC1 power to be derived from a
high-efficiency external source, such as one of
the MP9928’s switching regulator outputs.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal 0.8V reference (REF) and
outputs a current proportional to the difference
between the two input voltages. This output
current is then used to charge or discharge the
external compensation network to form the
COMP voltage, which is used to control the
power
MOSFET
current.
Adjusting
the
compensation network from COMP pin to GND
could optimize the control loop for good stability
or fast transient response.
Current Limit Function
There are three fixed options for current limit
setting: When ILIM connects to GND, the current
limit sense voltage is set to 25mV; when ILIM
connects to VCC1, the current limit sense voltage
is set to 50mV; when ILIM pin floats, the current
limit sense voltage is set to 75mV.
When the peak value of the inductor current
exceeds
the
set
current
limit
threshold,
meanwhile, output voltage starts to drop until FB
is 62.5% of the reference. MP9928 enters hiccup
mode to periodically restart the part. Meanwhile,
the frequency would be lowered when FB<0.5V.
This protection mode is especially useful when
the output is dead-shorted to ground. The
average short-circuit current is greatly reduced to
alleviate the thermal issues. The MP9928 exits
the hiccup mode once the over-current condition
is removed.
Low Dropout Operation
At low dropout mode, the MP9928 is designed to
operate at HS max duty on mode as long as the
voltage across BST - SW is greater than 3.05V,
this improves dropout. When the voltage from
BST to SW drops below 3.05V, an under-voltage
lockout (UVLO) circuit turns off the high-side
MOSFET (HS-FET), and at the same time, the
low-side MOSFET (LS-FET) turns on to refresh
the BST capacitor. After the BST capacitor
voltage is re-charged, the HS-FET turns on again
to regulate the output. Since the BST capacitor
voltage is greater than 3.05V, the HS-FET can
remain on for more switching cycles than are
required to refresh the BST capacitor, thus
increasing
the
effective
duty
cycle
of
the
switching regulator. The low dropout operation
makes the MP9928 suitable for application such
as automotive cold-crank.
Power Good Function
The MP9928 includes an open-drain power good
output that indicates whether the regulator’s
output is within about ±10% of its nominal value.
When the output voltage falls outside this range,
the PG output is pulled to low. It should be
connected to a voltage source of no more than
5V through a resistor (e.g., 100k
Ω). The PG
delay time is 25µs.
PG pin has self-driving capability, if MP9928 is
off and PG pin is pulled up to another DC power
source through a resistor, the PG pin can also be
pulled low by self-driving circuit.
Soft Start
The soft start (SS) is implemented to prevent the
converter
output
voltage
from
overshooting
during startup. When the chip starts, the internal
circuitry generates a soft-start voltage ramping
up from 0V to 0.8V. When it is lower than the
internal reference (REF), SS voltage overrides
REF, so the error amplifier uses SS voltage as
the reference. When SS voltage is higher than
REF, REF regains control.
An external capacitor connected from SS to
SGND is charged from an internal 4
μA current
source, producing a ramped voltage. The soft-
start time (tSS) is set by the external SS capacitor
and can be calculated by below formula:
( )
( )
( )
( )
μA
I
V
V
nF
C
ms
t
SS
REF
SS
SS
×
=
Where CSS is the external SS capacitor, VREF is
the internal reference voltage (0.8V), and ISS is
the 4
μA SS charge current. There is no internal
SS capacitor.
SS
will
be
reset
when
a
fault
protection
happened
except
for
output
over
voltage
protection.
Output Over-Voltage Protection
MP9928 output voltage is monitored by FB
voltage. If FB voltage is typically 10% higher than
the reference, it’ll trigger OVP. Once it triggers
OVP, MP9928 will go into discharge mode, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com