Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9928 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP9928
Description  4V-60V Input, Current Mode, Synchronous Step-Down Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP9928 Datasheet HTML 15Page - Monolithic Power Systems MP9928 Datasheet HTML 16Page - Monolithic Power Systems MP9928 Datasheet HTML 17Page - Monolithic Power Systems MP9928 Datasheet HTML 18Page - Monolithic Power Systems MP9928 Datasheet HTML 19Page - Monolithic Power Systems MP9928 Datasheet HTML 20Page - Monolithic Power Systems MP9928 Datasheet HTML 21Page - Monolithic Power Systems MP9928 Datasheet HTML 22Page - Monolithic Power Systems MP9928 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
MP9928—4V TO 60V SYNCHRONOUS STEP-DOWN CONTROLLER
MP9928 Rev. 1.0
www.MonolithicPower.com
19
5/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage.
FB
VOUT
R8
R9
Figure 4: VOUT Setting Resistor
If R8 is determined, then R9 can be calculated
with below formula:
1
0.8V
V
R
R
OUT
8
9
−
=
Table 1—Resistor Selection for Common Output
Voltages
VOUT (V)
R8
(kΩ)
R9
(kΩ)
3.3
37.4 (1%)
12 (1%)
5
63.4 (1%)
12 (1%)
12
169 (1%)
12 (1%)
Setting Current Sensing
The MP9928 has three fixed options for current
limit setting: when ILIM pin is connected to GND,
the current sense voltage is set to 25mV; when
ILIM pin is connected to VCC1, the current sense
voltage is set to 50mV and when ILIM pin is
floating, the current limit sense voltage is set to
75mV.
The current sense resistor, RSENSE, monitors the
inductor current. Its value is chosen based on the
current limit threshold. The relationship between
the peak inductor current Ipk and RSENSE is:
Ipk
ILIMIT
V
R
SENSE =
(5)
The typical values for RSENSE are in the range of
5m
Ω to 50mΩ.
Programmable Switching Frequency
There are a number of variables to consider
when choosing the switching frequency. A high
frequency will increase switching losses and gate
charge losses, while a lower frequency requires
more inductance and capacitance, which results
in larger real estate and also higher cost. It is a
trade off between power loss and passive
component size. Additionally, in noise-sensitive
applications, the switching frequency should be
out of a sensitive frequency band.
The MP9928’s frequency can be programmed
from 100kHz to 1000kHz with a resistor from
FREQ to SGND. The value of RFREQ for a given
operating frequency can be calculated by:
FREQ
s
20000
R
(k )
1
f (kHz)
Ω=
−
To get fS = 500kHz, set RFREQ to 39k
Ω.
Table 2: Frequency vs. Resistor
Resistor (
kΩ)
Frequency (kHz)
65
300
39
500
19
1000
VCC Regulator Connection
VCC1 can be powered from both VIN and VCC2.
If connecting VCC2 to an external power supply
to improve the overall efficiency, this VCC2
should be larger than 4.7V but smaller than 12V.
MP9928
Internal
VIN
CIN
LDO
4.7V
VIN
CVcc
Ext .
Power
Supply
VCC1
VCC2
Figure 5: VCC Power from External Supply
If VOUT is higher than 4.7V but
≤12V, VCC2 can
be connected to VOUT directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com