Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9928 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP9928
Description  4V-60V Input, Current Mode, Synchronous Step-Down Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP9928 Datasheet HTML 17Page - Monolithic Power Systems MP9928 Datasheet HTML 18Page - Monolithic Power Systems MP9928 Datasheet HTML 19Page - Monolithic Power Systems MP9928 Datasheet HTML 20Page - Monolithic Power Systems MP9928 Datasheet HTML 21Page - Monolithic Power Systems MP9928 Datasheet HTML 22Page - Monolithic Power Systems MP9928 Datasheet HTML 23Page - Monolithic Power Systems MP9928 Datasheet HTML 24Page - Monolithic Power Systems MP9928 Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
MP9928—4V TO 60V SYNCHRONOUS STEP-DOWN CONTROLLER
MP9928 Rev. 1.0
www.MonolithicPower.com
22
5/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
3. Route the sensing traces (SENSE+, SENSE-)
in paired way with smallest closed area.
Avoid crossing noisy areas such as SW or
high-side gate drive traces. Place the filter
capacitor for the current sense signal as
close to the IC pins as possible.
4. A short and wide type resistor is recommend
for current sense.
5. VCC1 and VCC2 capacitors should be placed
as close as possible to VCC1 pin and VCC2
pin.
6. Layout the gate drive traces as directly as
possible. Layout the forward and return
traces close together, either running side by
side or on top of each other on adjacent
layers to minimize the inductance of the gate
drive path.
7. The ground return of input/output capacitor
should be tied close with large GND copper
area, and then connect to IC GND pin
through single point.
8. For heavy load, suggest layout large copper,
more layers and more vias for heat sink.
Figure 8 shows the recommended components
place for MP9928 in TSSOP20-EP package.
Figure 9 shows the recommended components
place for MP9928 in QFN20 package. For the
layout, the corresponding schematic can be
found on Figure 10.
R2
R1
R9
R6
C7
C5
C4
C3
C2A
C2B
L2
C11
R14
M1
M2
C8
C1C
C1A
C1B
R6
R15
R20
R19
R12
R11
R7
VIN
GND
VOUT
GND
D1
R13
Bottom Layer
Top Layer
Via
Figure 8: Layout Recommendation
2
C2A
C2B
L1
R6
R15
R20
R19
R12
R11
R1
R2
C3
C4
C5
C6
C7
R8
R9
C1C
D1
C11
R14
VOUT
GND
Bottom Layer
Top Layer
Via
GND
VIN
R7
Figure 9: Layout Recommendation
Design Example
Below
is
a
design
example
following
the
application
guidelines
for
the
following
specifications:
Table 3: Design Example
VIN
6V to 60 V
VOUT
5V
IOUT
0A-7A
The typical application circuit for VOUT = 5V in
Figure
10
shows
the
detailed
application
schematic, and it is the basis for the typical
performance waveforms. This circuit can work
down to 4V after startup, but VOUT may drop
when VIN is low due to maximum duty cycle limit.
For more detailed device applications, please
refer to the related Evaluation Board Datasheets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com