Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9928GL Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP9928GL
Description  4V-60V Input, Current Mode, Synchronous Step-Down Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928GL Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP9928GL Datasheet HTML 17Page - Monolithic Power Systems MP9928GL Datasheet HTML 18Page - Monolithic Power Systems MP9928GL Datasheet HTML 19Page - Monolithic Power Systems MP9928GL Datasheet HTML 20Page - Monolithic Power Systems MP9928GL Datasheet HTML 21Page - Monolithic Power Systems MP9928GL Datasheet HTML 22Page - Monolithic Power Systems MP9928GL Datasheet HTML 23Page - Monolithic Power Systems MP9928GL Datasheet HTML 24Page - Monolithic Power Systems MP9928GL Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
MP9928—4V TO 60V SYNCHRONOUS STEP-DOWN CONTROLLER
MP9928 Rev. 1.0
www.MonolithicPower.com
21
5/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
COMP
R5
C6
C7
Figure 7: COMP External Compensation
The system has two important poles: one from
the compensation capacitor (C6) and the output
resistor of error amplifier and the other tone from
the output capacitor and the load resistor. These
poles can be calculated by:
O
m
P1
A
C6
2
π
G
f
×
×
=
LOAD
P2
R
Co
2
π
1
f
×
×
=
Where Gm is the error-amplifier transconductance
500
μA/V, and Co is the output capacitor.
The system has one important zero due to the
compensation capacitor and the compensation
resistor (R5). This zero is located at:
R5
C6
2
π
1
f
Z1
×
×
=
The system may have another significant zero if
the output capacitor has a large capacitance or a
high ESR value. This zero can be located at:
ESR
ESR
R
Co
2
π
1
f
×
×
=
In this case, a third pole set by the compensation
capacitor (C7) and the compensation resistor can
compensate for the effect of the ESR zero. This
pole is calculated by:
R5
C7
2
π
1
f
P3
×
×
=
The goal of the compensation design is to shape
the converter transfer function for a desired loop
gain. The system crossover frequency where the
feedback loop has unity gain is important, since
lower crossover frequencies result in slower line
and
load
transient
responses,
and
higher
crossover frequencies lead to system instability.
Set the crossover frequency to ~0.1×fSW.
Follow
the
below
steps
to
design
the
compensation:
1. Choose R5 to set the desired crossover
frequency:
FB
OUT
CS
m
C
V
V
G
G
f
Co
2
π
R5
×
×
×
×
=
Where, fC is the desired crossover frequency.
2. Choose C6 to achieve the desired phase
margin.
For
applications
with
typical
inductor values, set the compensation zero
(fZ1) < 0.25 x fC to provide a sufficient phase
margin. C6 is then:
C
f
R5
2
π
4
C6
×
×
>
3. C7 is required if the ESR zero of the output
capacitor is located at <0.5×fSW, or the
following relationship is valid:
2
f
R
Co
2
π
1
SW
ESR
<
×
×
If this is the case, use C7 to set the pole
(fP3) at the location of the ESR zero.
Determine C7:
R5
R
Co
C7
ESR
×
=
PCB Layout Considerations
For a controller, the layout is always an important
step in design. A poor layout would result in
reduced performance, EMI problems, resistive
loss and even system instability. Following step
would help to guarantee a good layout design:
1. Input power loop between input capacitor,
high-side MOSFET and low-side MOSFET
should be as small as possible, SW trace
should be as possible as short and wide. At
the
same
time,
one
small
decoupling
capacitor should be placed close to the IC’s
IN and GND pins.
2. Feedback loop should be far away from noise
source such as SW trace, the feedback
divider
resistor
should be as close as
possible to FB and GND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com