Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9928GL Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP9928GL
Description  4V-60V Input, Current Mode, Synchronous Step-Down Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928GL Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP9928GL Datasheet HTML 17Page - Monolithic Power Systems MP9928GL Datasheet HTML 18Page - Monolithic Power Systems MP9928GL Datasheet HTML 19Page - Monolithic Power Systems MP9928GL Datasheet HTML 20Page - Monolithic Power Systems MP9928GL Datasheet HTML 21Page - Monolithic Power Systems MP9928GL Datasheet HTML 22Page - Monolithic Power Systems MP9928GL Datasheet HTML 23Page - Monolithic Power Systems MP9928GL Datasheet HTML 24Page - Monolithic Power Systems MP9928GL Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
MP9928—4V TO 60V SYNCHRONOUS STEP-DOWN CONTROLLER
MP9928 Rev. 1.0
www.MonolithicPower.com
23
5/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
M1
M2
100K
R2
37.4K
R1
SYNCO
EN/SYNC
680pF
C6
51K
R5
NS
R6
NS
C7
6V-60V
0.1uF
C8
0.007
R7
63.4K
R8
12K
R9
VOUT
5V / 7A
4.7uH
L2
4.7uF
C1B
4.7uF
C1A
10nF
C5
0
R11
0
R12
D1
2.2
R13
0.47uF
C1C
1uF
C4
VCC2
0
R3
VOUT
VOUT
VCC1
37.4K
R4
NS
C9
10
R14
220pF
C11
100K
R15
VIN
NS
R16
NS
R17
NS
C12
4.7uF
C3
220uF
C2B
22uF
C2A
VCC1
0
R19
0
R20
VIN
IN
FREQ
EN/SYNC
SYNCO
SS
ILIM
FB
CCM/AAM
SENSE-
SENSE+
PG
VCC2
BG
VCC1
SW
TG
BST
U1
MP9928
Figure 10: Application Circuit for 5V Output
M1
M2
100K
R2
37.4K
R1
SYNCO
EN/SYNC
220pF
C6
10K
R5
NS
R6
82pF
C7
13V-60V
0.1uF
C8
0.007
R7
169K
R8
12K
R9
VOUT
12V
15uH
L2
4.7uF
C1B
4.7uF
C1A
10nF
C5
0
R11
0
R12
D1
2.2
R13
0.47uF
C1C
1uF
C4
VCC2
0
R3
VOUT
VOUT
VCC1
37.4K
R4
NS
C9
10
R14
220pF
C11
100K
R15
VIN
NS
R16
NS
R17
NS
C12
4.7uF
C3
220uF
C2B
22uF
C2A
VCC1
0
R19
0
R20
VIN
IN
FREQ
EN/SYNC
SYNCO
SS
ILIM
FB
CCM/AAM
SENSE-
SENSE+
PG
VCC2
BG
VCC1
SW
TG
BST
U1
MP9928
R10
0
C10
150pF
Figure 11: Application Circuit for 12V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com