Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9928GL Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP9928GL
Description  4V-60V Input, Current Mode, Synchronous Step-Down Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928GL Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP9928GL Datasheet HTML 9Page - Monolithic Power Systems MP9928GL Datasheet HTML 10Page - Monolithic Power Systems MP9928GL Datasheet HTML 11Page - Monolithic Power Systems MP9928GL Datasheet HTML 12Page - Monolithic Power Systems MP9928GL Datasheet HTML 13Page - Monolithic Power Systems MP9928GL Datasheet HTML 14Page - Monolithic Power Systems MP9928GL Datasheet HTML 15Page - Monolithic Power Systems MP9928GL Datasheet HTML 16Page - Monolithic Power Systems MP9928GL Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
MP9928—4V TO 60V SYNCHRONOUS STEP-DOWN CONTROLLER
MP9928 Rev. 1.0
www.MonolithicPower.com
13
5/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
TSSOP
Pin #
QFN
Pin #
Name
Description
1
19
IN
Input supply. The MP9928 operates from a 4V to 60V input. Ceramic
capacitor is needed to prevent large voltage spikes from appearing at the
input.
2
20
EN/SYNC
Enable input. The threshold is 1.22V with 130mV of hysteresis, and it is
used to implement an input under voltage lockout (UVLO) function
externally. If an external sync clock is applied to this pin, internal clock will
follow the sync frequency.
3
1
VCC2
External power supply for the internal VCC1 regulator. It will disable the
power from VIN as long as VCC2 is higher than 4.7V. Do not connect >12V
power supply to this pin. Connecting VCC2 pin to external power supply
will reduce power dissipation and thus increases efficiency.
4
2
VCC1
Internal bias supply. Decouple with a 1µF ceramic capacitor or greater
ceramic capacitor. But the capacitance should be no more than 4.7µF.
5
3
SGND
Low noise signal ground reference.
6
4
SS
Soft-start control input. This pin is used to program the soft-start period
with an external capacitor between SS to SGND.
7
5
COMP
COMP is used to compensate the regulation control loop. Connect an RC
network from COMP to GND to compensate for the regulation control loop.
8
6
FB
Feedback. This is the input to the error amplifier. An external resistive
divider connected between the output and GND is compared to the internal
+0.8V reference to set the regulation voltage.
9
7
CCM/AAM
Continuous conduction mode/advanced asynchronous mode set pin.
Connect this pin to VCC1 pin or float can set the part operates in CCM
mode. Connecting an appropriate external resistor from this pin to GND to
make AAM at low level, can set the part operates in AAM. The AAM
voltage should be no less than 480mV.
10
8
FREQ
Connect a resistor between FREQ and GND to set the switching
frequency.
11
9
PG
Power good output. The output of this pin is open drain.
12
10
ILIM
Current sense voltage limit set. The voltage at this pin sets the nominal
sense voltage at maximum output current. There are three fixed options
(float, connect to VCC1 or connect to GND.)
13
11
SYNCO
outputs a clock which are 180° out-of-phase with internal Oscillator Clock
or external Synchronize Clock when part works in CCM or DCM(but not
Sleep mode) for dual channel co-pack. SYNCO outputs DC voltage in
other cases(Sleep mode, Low Dropout mode, Fault protections, etc.).
14
12
SENSE-
Negative input for the current sense. The sensed inductor current limit
threshold is determined by status of ILIM pin.
15
13
SENSE+
Positive input for the current sense. The sensed inductor current limit
threshold is determined by status of ILIM pin.
16
14
PGND
Power ground reference for the internal low side switch driver and the
VCC1 regulator circuit. Connect this pin directly to the negative terminal of
the VCC1 decoupling capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com