Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP111 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP111
Description  Dying Gasp Storage and Release Control IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP111 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP111 Datasheet HTML 1Page - Monolithic Power Systems MP111 Datasheet HTML 2Page - Monolithic Power Systems MP111 Datasheet HTML 3Page - Monolithic Power Systems MP111 Datasheet HTML 4Page - Monolithic Power Systems MP111 Datasheet HTML 5Page - Monolithic Power Systems MP111 Datasheet HTML 6Page - Monolithic Power Systems MP111 Datasheet HTML 7Page - Monolithic Power Systems MP111 Datasheet HTML 8Page - Monolithic Power Systems MP111 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP111 – DYING GASP STORAGE AND RELEASE CONTROL IC
MP111 Rev. 1.0 1
www.MonolithicPower.com
4
4/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Supply Voltage Range
VIN
4.5
18
V
Supply Current (Shutdown)
IIN
VEN = 0V
1
μA
Supply Current (Quiescent)
IIN
VEN = 2V, VFB = 1.1V
300
μA
VIN Under Voltage Lockout
Threshold Rising
INUVVth
3.0
3.5
4.0
V
VIN Under Voltage Lockout
Threshold Hysteresis
INUVHYS
350
mV
Feedback Voltage
VFB
0.95
1
1.05
V
Vstorage
Refresh
Threshold-High
VFB1_H
VFB+0.025 VFB+0.05
V
Vstorage
Refresh
Threshold-Low
VFB1_L
VFB-0.05 VFB-0.025
V
Vstorage
Refresh
Threshold-Hysteresis
VFB1_Hys
50
mV
Feedback Current
IFB
VFB1= VFB2=1V
10
nA
GASP High Threshold
VTHGASP
1.05
VFB2
GASP Low Threshold
VTLGASP
1
VFB2
GASP Delay
GASPTd
2
μs
GASP Sink Current
Capability
VGASP
Sink 4mA
0.4
V
GASP Leakage Current
IGASP_LEAK
VGASP=3.3V
10
nA
Input Inrush Current Limit
for
Charging
Storage
Capacitor
IPRECHARGE_LIMIT
VIN=12V,
Charging
CSTORAGE from 0 to VIN
0.25
A
Current limit for Dumping
Charge from CSTORAGE to
VIN
IDUMP_LIMIT
2.5
A
Thermal Shutdown
(5)
TSD
150
ºC
Thermal
Shutdown
Hysteresis
(5)
THYS
30
ºC
Notes:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com