Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP111 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP111
Description  Dying Gasp Storage and Release Control IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP111 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP111 Datasheet HTML 5Page - Monolithic Power Systems MP111 Datasheet HTML 6Page - Monolithic Power Systems MP111 Datasheet HTML 7Page - Monolithic Power Systems MP111 Datasheet HTML 8Page - Monolithic Power Systems MP111 Datasheet HTML 9Page - Monolithic Power Systems MP111 Datasheet HTML 10Page - Monolithic Power Systems MP111 Datasheet HTML 11Page - Monolithic Power Systems MP111 Datasheet HTML 12Page - Monolithic Power Systems MP111 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MP111 – DYING GASP STORAGE AND RELEASE CONTROL IC
MP111 Rev. 1.0 1
www.MonolithicPower.com
9
4/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
MP111 is a dying gasp storage and release
control IC. It charges the storage capacitors
from input supply during power start up and
keeps refreshing the storage voltage at a
regulated value during normal operation.
MP111 continuously monitors the input voltage.
Once the input voltage is lower than the
programmed release voltage in case of losing
input power, it releases the charge from the
storage capacitors to input, and keeps the input
voltage regulated to the release voltage for as
long as possible. It allows the system to
respond to input power failure.
Start-Up
During the power start-up, there are two periods
to charge the storage capacitors. In the first
period, the MP111 pre-charges the large
storage capacitors from 0 to nearly VIN with
built-in inrush current limit. Once the storage
voltage is close to the input voltage, the storage
voltage is boosted and regulated at target
voltage.
The BST pin of MP111 should connect to the
DCDC switch node. Only after the DCDC is
enabled, the MP111 will start boosting. Figure 2
shows the charging build-up process of MP111.
Figure 2 – Timing of Charging
Release
MP111 keeps monitoring the input voltage.
Once the input voltage is lower than selected
release voltage in case of losing input power,
MP111 moves the charge from high voltage
storage capacitor to low input voltage capacitor.
The release voltage can be determined by
choosing appropriate input resistance divider.
The maximum LDO release current can be as
high as 2.5A. Until the storage capacitor voltage
is near the input voltage, the input voltage loses
its regulation and reduces further. A conceptual
release process of MP111 is shown in Figure 3.
Vrelease
Vstorage
VIN
GASP
t
Input UVLO of DC/DC converter
Figure 3 – Timing of Releasing
Gasp Indicator
When the FB2 voltage, feedback voltage for the
input power, is higher than 1.05XVFB2, the
GASP pin will be pulled high. Connect a resistor
across VIN and GASP can drive GASP high.
When the FB voltage is lower than 1.00XVFB2,
the GASP voltage will be internally pulled low.
GASP voltage can be used as communication
indicator signal which states input power
availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com