Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP111 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP111
Description  Dying Gasp Storage and Release Control IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP111 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP111 Datasheet HTML 5Page - Monolithic Power Systems MP111 Datasheet HTML 6Page - Monolithic Power Systems MP111 Datasheet HTML 7Page - Monolithic Power Systems MP111 Datasheet HTML 8Page - Monolithic Power Systems MP111 Datasheet HTML 9Page - Monolithic Power Systems MP111 Datasheet HTML 10Page - Monolithic Power Systems MP111 Datasheet HTML 11Page - Monolithic Power Systems MP111 Datasheet HTML 12Page - Monolithic Power Systems MP111 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MP200 – DYING GASP STORAGE AND RELEASE CONTROL IC
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP111 Rev. 1.01
www.MonolithicPower.com
13
4/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE INFORMATION
SOIC-8
0.016(0.41)
0.050(1.27)
0o-8o
DETAIL "A"
0.010(0.25)
0.020(0.50)
x 45o
SEE DETAIL "A"
0.0075(0.19)
0.0098(0.25)
0.150(3.80)
0.157(4.00)
PIN 1 ID
0.050(1.27)
BSC
0.013(0.33)
0.020(0.51)
SEATING PLANE
0.004(0.10)
0.010(0.25)
0.189(4.80)
0.197(5.00)
0.053(1.35)
0.069(1.75)
TOP VIEW
FRONT VIEW
0.228(5.80)
0.244(6.20)
SIDE VIEW
14
85
RECOMMENDED LAND PATTERN
0.213(5.40)
0.063(1.60)
0.050(1.27)
0.024(0.61)
NOTE:
1) CONTROL DIMENSION IS IN INCHES. DIMENSION IN
BRACKET IS IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSIONS.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.004" INCHES MAX.
5) DRAWING CONFORMS TO JEDEC MS-012, VARIATION AA.
6) DRAWING IS NOT TO SCALE.
0.010(0.25) BSC
GAUGE PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com