Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3421 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3421
Description  5.5A, 600kHz High-Efficiency, Synchronous Step-Up Converter with True Output Disconnect in a 2mmx2mm QFN Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3421 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3421 Datasheet HTML 1Page - Monolithic Power Systems MP3421 Datasheet HTML 2Page - Monolithic Power Systems MP3421 Datasheet HTML 3Page - Monolithic Power Systems MP3421 Datasheet HTML 4Page - Monolithic Power Systems MP3421 Datasheet HTML 5Page - Monolithic Power Systems MP3421 Datasheet HTML 6Page - Monolithic Power Systems MP3421 Datasheet HTML 7Page - Monolithic Power Systems MP3421 Datasheet HTML 8Page - Monolithic Power Systems MP3421 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP3421—5.5A, 600KHZ HIGH EFFICIENCY, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT IN 2X2MM QFN PACKAGE
MP3421 Rev. 1.0
www.MonolithicPower.com
4
11/13/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 3.3V, VOUT = 5V, TJ= -40°C to125°C, typical values are tested at TJ =25°C, unless
otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Voltage Range
Start-Operating Input Voltage
VIN
1.9
5.5
V
VEN=VIN=3.3V, VOUT=5V, no load
Measured on OUT, TJ=25°C
43
57
µA
Quiescent Current
IQ_NS
VEN=VIN=3.3V, VOUT=5V, no load
Measured on IN
0.3
µA
Shutdown Current
ISD
VEN=VOUT=0V, Measured on IN,
TJ=25°C
0.1
1
µA
IN UVLO Rising Threshold
VUVLO_IN-R VIN Rising TJ=25°C
1
1.3
1.6
V
IN UVLO Falling Threshold
VUVLO_IN-F VIN Falling, VOUT=5V
650
mV
VOUT Start-Switching Rising
Threshold
VUVLO_OUT_R TJ=25°C
1.7
1.79
V
Step-up Converter
TJ=25°C
500
600
700
Operation Frequency
FSW
-40°C≤TJ≤125°C
440
600
760
kHz
TJ=25°C
795
807
819
Feedback Voltage
VFB
-40°C≤TJ≤125°C
791
807
823
mV
Feedback Input Current
IFB
VFB=850mV
1
50
nA
NMOS On-Resistance
RNDS_ON
15
mΩ
NMOS Leakage Current
IN_LK
VSW=5V
100
nA
PMOS On-Resistance
RPDS_ON
20
mΩ
PMOS Leakage Current
IP_LK
VSW=5V, VOUT=0V
0.1
µA
Maximum Duty Cycle
DMAX
90
95
%
VOUT=1.7V
0.7
A
Linear-Charge Current Limit
(5)
ICH_LIMIT
VOUT=0V
0.2
A
ISW_LIMIT1
VIN=5V, VOUT=3.3V
4
A
NMOS Current Limit
(5)
ISW_LIMIT2
Duty=44%, VIN=2.8V, VOUT=5V
5.5
A
Logic Interface
EN High-Level Voltage
VEN _H
1.2
V
EN Low-Level Voltage
VEN _L
0.4
V
EN Input Current
IEN
Connect to VIN
10
nA
Protection
Thermal Shutdown
(5)
150
°C
Over Temperature Hysteresis
(5)
20
°C
Notes:
5) Guaranteed by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com