Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3421 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3421
Description  5.5A, 600kHz High-Efficiency, Synchronous Step-Up Converter with True Output Disconnect in a 2mmx2mm QFN Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3421 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3421 Datasheet HTML 8Page - Monolithic Power Systems MP3421 Datasheet HTML 9Page - Monolithic Power Systems MP3421 Datasheet HTML 10Page - Monolithic Power Systems MP3421 Datasheet HTML 11Page - Monolithic Power Systems MP3421 Datasheet HTML 12Page - Monolithic Power Systems MP3421 Datasheet HTML 13Page - Monolithic Power Systems MP3421 Datasheet HTML 14Page - Monolithic Power Systems MP3421 Datasheet HTML 15Page - Monolithic Power Systems MP3421 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP3421—5.5A, 600KHZ HIGH EFFICIENCY, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT IN 2X2MM QFN PACKAGE
MP3421 Rev. 1.0
www.MonolithicPower.com
12
11/13/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
are recommended for good stability and
transient balance.
Current Sensing
Lossless-current sensing converts the NMOS
switch current signal to voltage, which is
summed with the internal slope compensation.
The summed signal is compared to the error
amplifier output to provide a peak-current
control command for the PWM. The minimum
peak-switch current limit is 5.5A. Internally, the
switch-current signal is blanked for about 60ns
to enhance noise rejection.
Output Disconnect
The MP3421 has true output disconnect by
eliminating body diode conduction from the
internal PMOS rectifier. This allows VOUT to go
to 0V during shutdown or isolate and maintain
an external bias on VOUT. Also, it allows for
inrush-current limit at startup, minimizing surge
current from the input supply. To efficiently
utilize output disconnect, eliminate (if necessary)
the external Schottky diode connection between
the switch and VOUT.
Over-Load (OLP)and Short-Circuit (SCP)
Protection
If an overload or short circuit occurs, the output
voltage drops. If VOUT drops below Vin +0.3 V,
MP3421 converts to step-down mode. If VOUT
drops below 1.7V, the device enters linear
charge mode. If VOUT drops below 70% of the
nominal
output
voltage,
the
MP3421
immediately shuts down and re-starts in a
power-on cycle after 40μs.
Over-Voltage Protection (OVP)
If VOUT is higher than 7V, boost switching stops.
This prevents overvoltage from damaging the
internal power MOSFET.
When the output
drops below 7V, the device resumes switching
automatically.
Thermal Shutdown (TSD)
The device contains an internal temperature
monitor.
The switches turn off if the die
temperature exceeds 150°C.
The device
resumes
normal
operation
below
130°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com