Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3421 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3421
Description  5.5A, 600kHz High-Efficiency, Synchronous Step-Up Converter with True Output Disconnect in a 2mmx2mm QFN Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3421 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3421 Datasheet HTML 8Page - Monolithic Power Systems MP3421 Datasheet HTML 9Page - Monolithic Power Systems MP3421 Datasheet HTML 10Page - Monolithic Power Systems MP3421 Datasheet HTML 11Page - Monolithic Power Systems MP3421 Datasheet HTML 12Page - Monolithic Power Systems MP3421 Datasheet HTML 13Page - Monolithic Power Systems MP3421 Datasheet HTML 14Page - Monolithic Power Systems MP3421 Datasheet HTML 15Page - Monolithic Power Systems MP3421 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP3421—5.5A, 600KHZ HIGH EFFICIENCY, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT IN 2X2MM QFN PACKAGE
MP3421 Rev. 1.0
www.MonolithicPower.com
13
11/13/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Input Capacitor Selection
Low ESR input capacitors reduce input-
switching noise and reduce the peak current
drawn from the battery. Ceramic capacitors are
recommended for input decoupling and should
be located as close to the device as possible. A
ceramic
capacitor
larger
than
22μF
is
recommended to restrain the VIN ripple.
Output Capacitor Selection
To ensure stability over the full-operating range,
the output capacitor requires a minimum
capacitance value of 22μF at the programmed
output voltage. A higher capacitance value may
be required to lower both the output ripple and
the transient ripple. Low ESR capacitors, such
as X5R or X7R type ceramic capacitors are
recommended. Supposing that ESR is zero, the
minimum output capacitor to support the ripple
in the PWM mode can be calculated by:
O
OUT(MAX)
IN(MIN)
O
SOUT(MAX)
I(V
V
)
C
fV
ΔV
×−
≥
××
Where,
VOUT(MAX) = Maximum output voltage
VIN(MIN) = Minimum Input voltage
IO=Output current
fS = Switching frequency
ΔV= Acceptable output ripple
A 1μF ceramic capacitor is recommended
between the OUT and PGND. This reduces
spikes on the SW node and improves EMI
performance.
Inductor Selection
Due to the 600kHz switching frequency, the
MP3421 utilizes small surface mount-chip
inductors, Inductor values run between 1μH and
2.2μH, and they are suitable for most
applications. Larger inductance values allow
slightly greater output-current capability by
reducing the inductor-ripple current. However,
larger
inductance
values
also
increase
component size. The minimum inductance
value is given by:
IN(MIN)
OUT(MAX)
IN(MIN)
OUT(MAX)
L
S
V(V
V
)
L
VI
f
×
−
≥
×Δ ×
(3)
Where ΔIL=Acceptable inductor-current ripple.
The inductor-current ripple is typically set at
30% to 40% of the maximum inductor current.
The inductor should have low DCR (inductor
current series resistance without saturating
windings) to reduce the resistive power loss.
The saturated current (ISAT) should be large
enough to support the peak current.
PCB Layout Considerations
Proper PCB layout for high-frequency switching
power supplies is critical. Poor layout results in
weak performance, excessive EMI, resistive
loss and system instability.
The steps below ensure a good layout design:
1. The output capacitor must be placed as
close as possible to the OUT, with minimal
distance from PGND. A small decoupling
capacitor should be parallel with the bulk
output capacitor and placed as close as
possible to the OUT. This is critical for
reducing spikes on the SW and improving
EMI performance.
2.
The input capacitor and inductor should be
as close as possible to the IN and SW.
The trace between the inductor and the SW
should be as wide and short as possible.
3. The feedback loop should be far from any
noise sources, such as the SW.
The
feedback divider resistors should be as
close as possible to the FB and AGND.
4. The ground return of the input/output
capacitors should be tied as close as
possible to the PGND with a large copper
GND area.
Vias around the GND are
recommended to lower the die temperature.
5. INA must be connected to IN.
NC can
either float or be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com