Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3910 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3910
Description  Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start, and Light Load Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3910 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3910 Datasheet HTML 1Page - Monolithic Power Systems MP3910 Datasheet HTML 2Page - Monolithic Power Systems MP3910 Datasheet HTML 3Page - Monolithic Power Systems MP3910 Datasheet HTML 4Page - Monolithic Power Systems MP3910 Datasheet HTML 5Page - Monolithic Power Systems MP3910 Datasheet HTML 6Page - Monolithic Power Systems MP3910 Datasheet HTML 7Page - Monolithic Power Systems MP3910 Datasheet HTML 8Page - Monolithic Power Systems MP3910 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MP3910 –PEAK CURRENT MODE BOOST CONTROLLER
MP3910 Rev. 1.11
www.MonolithicPower.com
2
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP3910GK
MSOP10
M3910
* For Tape & Reel, add suffix –Z (e.g. MP3910GK–Z);
PACKAGE REFERENCE
COMP
GND
RT
1
2
3
FB
4
7
8
9
10
VCC
GATE
EN/SYNC
5
6
SS
VIN
TOP VIEW
ISENSE
ABSOLUTE MAXIMUM RATINGS
(2)
VIN to GND.....................................-0.3V to 40V
VCC, GATE to GND.......................–0.3V to 15V
All Other Pins...................................–0.3V to 6V
EN Pin Sink Current.............................. 0.5mA(6)
Continuous Power Dissipation (TA = +25°C)
(3)
........................................................... 0.83W
Maximum Operating Frequency............. 500kHz
Storage Temperature............... -55°C to +150°C
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Recommended Operating Conditions
(4)
Supply Voltage VIN ..............................7V to 35V
Supply Voltage with VIN and VCC connected
......................................................5V to 13V
EN Pin Sink Current.................. 0mA to 0.4mA(5)
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
MSOP10 ................................ 150 ..... 65... °C/W
Notes:
2) Exceeding these ratings may damage the device.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.
6) Refer to “Enable/SYNC Control” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com