Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3910 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3910
Description  Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start, and Light Load Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3910 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3910 Datasheet HTML 9Page - Monolithic Power Systems MP3910 Datasheet HTML 10Page - Monolithic Power Systems MP3910 Datasheet HTML 11Page - Monolithic Power Systems MP3910 Datasheet HTML 12Page - Monolithic Power Systems MP3910 Datasheet HTML 13Page - Monolithic Power Systems MP3910 Datasheet HTML 14Page - Monolithic Power Systems MP3910 Datasheet HTML 15Page - Monolithic Power Systems MP3910 Datasheet HTML 16Page - Monolithic Power Systems MP3910 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MP3910 –PEAK CURRENT MODE BOOST CONTROLLER
MP3910 Rev. 1.11
www.MonolithicPower.com
13
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
pin to 3.6V source with 14.4kΩ resistor, the
feedback signal can be connected to COMP pin
directly. If the detection voltage is lower than
185mV, MP3910 will enable the internal error
amplifier but turn off the pull up resistor. Then
COMP pin is just one output pin of error
amplifier and the feedback signal should be
connected to FB pin.
GATE
I SENSE
R SENSE
VIN
Start up
50µs
+
-
0.185V
R MODE
V SENSE
= 55µA x(RMODE+R SENSE)
55µA
High / Low
 
Figure 2: Feedback Mode Setting
Generally, it is recommended to place one
resistor with 5Kohm~10Kohm between ISENSE
pin and current sense resistor for the feedback
mode through directly COMP pin, and connect
ISENSE pin to current sense resistor directly for
feedback mode through FB pin.
Soft-Start
MP3910 uses one external capacitor on SS pin
to control COMP voltage rising for soft-start.
When the chip starts, the capacitor on SS pin is
charged by one 54uA current source at a slow
pace set by the capacitance. When the SS
voltage is lower than the external COMP
voltage, SS overrides the COMP signal so the
PWM comparator uses SS instead of COMP as
the PWM turn off reference. When SS is higher
than COMP voltage, COMP gains the control
back and the soft start finishes. The soft-start
can reduce voltage stresses and surge currents
during start up, also prevent the converter
output voltage from overshooting during startup.
Soft start occurs during the start up time and
protection recovery time after OLP, SCP and
OVP. During normal condition, the SS voltage
is clamped at 3.65V.
Programmable Oscillator
The MP3910 oscillating frequency is set by an
external resistor from the RT pin to ground. The
value of RT can be estimated from:
3
2.35 10
T
SW
R
f
RT is in kΩ and fSW is in kHz.
The frequency setting resistor value shouldn’t
be too large for noise immunity consideration. It
is recommended to set the frequency within
30kHz to 400kHz.
Enable/SYNC Control
EN/SYNC is a digital control pin that turns
MP3910 on and off. Drive EN high to turn on
the controller; drive it low to turn it off. An
internal 1MΩ resistor from EN/SYNC to GND
allows EN/SYNC to be floated to shut down the
chip.
For external clock synchronization, connect a
clock with a frequency higher than RT set
frequency and between 80kHz to 400kHz, the
internal clock rising edge will synchronize with
the external clock rising edge. Select an
external clock pulse signal with low level width
less than 10μs, or else MP3910 may treat it as
EN power off.
EN/SYNC pin can not be connected to voltage
higher than 6V, when voltage source is higher
than 6V, a pull up resistor is recommend. For
resistor pull up condition, an internal zener
diode clamps the voltage at EN/SYNC pin. The
maximum pull-up current for the internal clamp
zener (assuming clamped at 6V) should be less
than 0.4mA. Typically 100k pull up resistor is
recommended. There is no problem if the clamp
voltage is distributed at higher than 6V if pull up
current is less than 0.4mA.
Current Sense and Over Current Protection
The MP3910 is peak current mode controller.
The current through the external FET can be
sensed through a sensing resistor used in
series with the source terminal of FET. The
sensed voltage on ISENSE pin is then amplified
and fed to the high speed current comparator
for the current mode control purpose. The
current comparator takes this sensed voltage
(plus slope compensation) as one of its inputs,
then compares the power switch current with
the COMP voltage. When the amplified current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com