Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3910 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3910
Description  Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start, and Light Load Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3910 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3910 Datasheet HTML 8Page - Monolithic Power Systems MP3910 Datasheet HTML 9Page - Monolithic Power Systems MP3910 Datasheet HTML 10Page - Monolithic Power Systems MP3910 Datasheet HTML 11Page - Monolithic Power Systems MP3910 Datasheet HTML 12Page - Monolithic Power Systems MP3910 Datasheet HTML 13Page - Monolithic Power Systems MP3910 Datasheet HTML 14Page - Monolithic Power Systems MP3910 Datasheet HTML 15Page - Monolithic Power Systems MP3910 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP3910 –PEAK CURRENT MODE BOOST CONTROLLER
MP3910 Rev. 1.11
www.MonolithicPower.com
12
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
The MP3910 uses a programmable frequency,
peak current mode architecture to regulate the
feedback voltage. The operation of the MP3910
can be understood with the block diagram of
Figure 1.
PWM Operation
At the beginning of each cycle the external N-
channel MOSFET is turned on, forcing the
current in the inductor to increase. The current
through the FET can be sensed and when the
sum voltage of amplified ISENSE signal and
slope signal rises above the voltage set by the
COMP pin, the external FET is turned off. The
inductor current then flows to the output
capacitor through the schottky diode. The
inductor current is controlled by the COMP
voltage, which itself is controlled by the output
voltage. Thus the output voltage controls the
inductor current to satisfy the load. This current
mode architecture improves transient response
and control loop stability over voltage mode
architecture.
Pulse Skipping Mode
At light load condition, the MP3910 goes into
pulse skipping mode to improve light load
efficiency. Pulse skipping decision is based on
its internal COMP voltage. If COMP is lower
than the internal sleep threshold with typical
0.95V, a PAUSE command is generated to
block the turn-on clock pulse so the power
MOSFET is turned off immediately, saving gate
driving and switching losses. This PAUSE
command also puts the whole chip into sleep
mode, consuming very low quiescent current to
further improve the light load efficiency. The
gate driver output remains low until COMP
voltage is higher than the sleep threshold, then
PAUSE signal is reset so the chip is back into
normal PWM operation.
Internal VCC Regulator
MP3910 operates with supply voltage from 7V
to 35V. An internal regulator is applied to
regulate the power at VCC pin for supplying the
internal circuitry of the controller, including the
gate driver. The regulator has a nominal output
voltage of 12V at VCC pin and must be
bypassed with no less than 1μF capacitor.
When the Enable is high, the capacitor at VCC
pin is charged through the VIN pin. VCC has its
own UVLO protection. This UVLO’s rising
threshold is 4.17V with a hysteresis of 350mV.
When the voltage at VCC pin crosses the VCC
UVLO, the controller is enabled and all the
internal circuitry is powered by VCC source. As
the
capacitor
is
charged,
VCC
voltage
increases until reaching 12V regulated voltage
if the VIN voltage is high enough.
When input voltage is lower than 12V, VCC
voltage will be lower than Vin and 12V due to
LDO drop. For normal startup, the input voltage
should be higher than 7V. If Vcc and Vin is
connected together, MP3910 can start-up from
5V but the max input voltage shouldn’t be
higher than 13 V. Vcc voltage can not be higher
than Vin voltage if both Vin and Vcc are
powered by external source because there is
one diode from Vcc to Vin.
Feedback Loop Setting
To be coincident for different design in isolated
and un-isolated application, MP3910 can
feedback the output signal through either of FB
pin or COMP pin by different setting on ISENSE
pin.
For un-isolated application such as boost mode,
MP3910 integrates one error amplifier which
can amplify the output error signal from FB pin,
COMP pin needs one RC network for
compensation. For isolated application such as
fly-back mode, the feedback signal from opto-
coupler has been amplified by secondary
circuitry, directly connect the signal to COMP
pin will make loop compensation much easier
by eliminating the primary side amplifier.
The different feedback loop can be set by
different ISENSE pin connection. At the
beginning of part enabled, ISENSE pin will
output 50us current pulse with typical value of
55uA, as showed in Figure2, if the reflected
voltage on ISENSE pin is higher than 185mV,
MP3910 will disable the internal error amplifier
between FB and COMP pins and pull up COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com