Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6302 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6302
Description  Energy Storage and Release Control IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6302 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6302 Datasheet HTML 1Page - Monolithic Power Systems MP6302 Datasheet HTML 2Page - Monolithic Power Systems MP6302 Datasheet HTML 3Page - Monolithic Power Systems MP6302 Datasheet HTML 4Page - Monolithic Power Systems MP6302 Datasheet HTML 5Page - Monolithic Power Systems MP6302 Datasheet HTML 6Page - Monolithic Power Systems MP6302 Datasheet HTML 7Page - Monolithic Power Systems MP6302 Datasheet HTML 8Page - Monolithic Power Systems MP6302 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP6302 – ENERGY STORAGE AND RELEASE CONTROL IC
MP6302 Rev. 1.02
www.MonolithicPower.com
2
7/17/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP6302DD
QFN10 (2x3mm)
ABC
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP6302DD–Z);
PACKAGE REFERENCE
TOP VIEW
STRG
VMAX
1
2
3
4
5
6
7
8
9
10
VIN
FB2
PGS
NC
PGIN
FB1
GND
BST
QFN10 (2x3mm)
ABSOLUTE MAXIMUM RATINGS (1)
VIN ................................................ -0.3V to 22V
VBST................................................ -0.3V to 40V
VBST-VIN………………………………-0.3V to 25V
VMAX ............................................... -0.3V to 42V
VMAX-VIN………………………….......-0.3V to 25V
VSTRG.............................................. -0.3V to 32V
VSTRG-VIN……………………………..-0.3V to 25V
VPG, VGASP ...................................... -0.3V to 22V
All Other Pins................................ -0.3V to 6.5V
Junction Temperature.............................. 150
°C
Lead Temperature ................................... 260
°C
Continuous Power Dissipation (TA = +25°C)
(2)
..................................................................1.2W
Junction Temperature.............................. 150
°C
Recommended Operating Conditions (3)
Supply Voltage VIN .......................... 4.5V to 18V
Storage Voltage VSTRG .....VIN to 2xVIN(32V max)
Maximum Junction Temp (TJ) ................ +125°C
Thermal Resistance (4)
θJA
θJC
QFN10 (2x3mm) .................... 70 ...... 15...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com