Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6302 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6302
Description  Energy Storage and Release Control IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6302 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6302 Datasheet HTML 4Page - Monolithic Power Systems MP6302 Datasheet HTML 5Page - Monolithic Power Systems MP6302 Datasheet HTML 6Page - Monolithic Power Systems MP6302 Datasheet HTML 7Page - Monolithic Power Systems MP6302 Datasheet HTML 8Page - Monolithic Power Systems MP6302 Datasheet HTML 9Page - Monolithic Power Systems MP6302 Datasheet HTML 10Page - Monolithic Power Systems MP6302 Datasheet HTML 11Page - Monolithic Power Systems MP6302 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP6302 – ENERGY STORAGE AND RELEASE CONTROL IC
MP6302 Rev. 1.02
www.MonolithicPower.com
10
7/17/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The necessary storage capacitance can be
estimated by:
RELEASE
HOLD
STORAGE
RELEASE
IT
Cs
VV
×
=
−
Here, IRELEASE : release current
VRELEASE : release voltage
THOLD : Hold up time
VSTORAGE : voltage on CSTORAGE
For example, if IRELEASE=0.5A, THOLD=20ms,
VSTORAGE=8.5V,
VRELEASE=4.2V
the
needed
storage capacitance is around 2200μF.
PCB Layout Guide
PCB layout is important to achieve good
performance operation for MP6302. Follow
guidelines below and use the EVB board layout
as a reference.
1) Connect the BST pin as close as possible to
the SW node of DCDC converter through a
resistor and a small ceramic capacitor. Try
to avoid interconnect the feedback path.
2) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
3) Keep the connection of the storage
capacitors and STRG pin as short and wide
as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com