Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6302 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6302
Description  Energy Storage and Release Control IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6302 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6302 Datasheet HTML 4Page - Monolithic Power Systems MP6302 Datasheet HTML 5Page - Monolithic Power Systems MP6302 Datasheet HTML 6Page - Monolithic Power Systems MP6302 Datasheet HTML 7Page - Monolithic Power Systems MP6302 Datasheet HTML 8Page - Monolithic Power Systems MP6302 Datasheet HTML 9Page - Monolithic Power Systems MP6302 Datasheet HTML 10Page - Monolithic Power Systems MP6302 Datasheet HTML 11Page - Monolithic Power Systems MP6302 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP6302 – ENERGY STORAGE AND RELEASE CONTROL IC
MP6302 Rev. 1.02
www.MonolithicPower.com
9
7/17/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Storage Voltage
The storage voltage can be set by choosing
appropriate external feedback resistors R1 and
R2 which is shown in Figure 4.
R1
R2
Cstorage
STRG
FB1
Vstorage
Figure 4—Feedback Circuit for Storage
Voltage
The storage voltage can be calculated by:
STORAGE
FB1
R1
V(1
) V
R2
=+
×
For example, if the storage voltage is set to be
8.5V, choose R2 to be 100kΩ, R1 will be then
given by:
100k
(8.5V 1V)
R1
750k
1V
Ω×
−
==
Ω
Table 1 lists the recommended resistors for
different storage voltage settings.
Table 1—Resistor Selection for Different
Storage Voltages
VSTORAGE (V)
R1 (kΩ)
R2 (kΩ)
8.5
750
100
12
750
68
15
750
53.6
Setting the Release Voltage and Input
Capacitors Selection
The release voltage can be set by external
feedback resistors R3 and R4 shown in Figure
5.
R3
R4
VIN
FB2
Cin
Cf
Figure 5—Feedback Circuit for Realease
Voltage
The release voltage can be calculatedt by:
RELEASE
FB2
R3
V(1
) V
R4
=+
×
The selection of R3 and R4 not only determines
the release voltage, but also impacts the
stability of the release circuit. The 300kΩ-
500kΩ R3 and a 47μF CIN are recommended.
Table 2 lists the recommended resistors for
different release voltage settings. A 15pF feed-
forward capacitor is recommended for good
release dynamic performance.
Table 2—Resistor and Capacitors Selection
for Different Release Voltages
VRELEASE
(V)
R3 (kΩ)R4 (kΩ)
Cf (pF)
CIN (μF)
11
475
47.5
15
47
10.2
464
49.9
15
47
4.2
324
100
15
47
Storage Capacitor Selection
The storage capacitor is used for energy
storage during normal operation and the energy
will be released to VIN in case of losing input
power. Usually, the small ceramic capacitors or
poscap can be used based on different
applications.
The voltage rating of storage capacitor needs to
be higher than the targeted storage voltage.
The voltage rating of storage capacitor can be
fully utilized since the voltage of storage
capacitor is very stable during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com