Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6302DD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6302DD
Description  Energy Storage and Release Control IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6302DD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6302DD Datasheet HTML 1Page - Monolithic Power Systems MP6302DD Datasheet HTML 2Page - Monolithic Power Systems MP6302DD Datasheet HTML 3Page - Monolithic Power Systems MP6302DD Datasheet HTML 4Page - Monolithic Power Systems MP6302DD Datasheet HTML 5Page - Monolithic Power Systems MP6302DD Datasheet HTML 6Page - Monolithic Power Systems MP6302DD Datasheet HTML 7Page - Monolithic Power Systems MP6302DD Datasheet HTML 8Page - Monolithic Power Systems MP6302DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP6302 – ENERGY STORAGE AND RELEASE CONTROL IC
MP6302 Rev. 1.02
www.MonolithicPower.com
3
7/17/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Supply Voltage Range
VIN
4.2
18
V
Supply Current (Shutdown)
Is
VEN = 0V
1
μA
Supply Current (Quiescent)
Iq
VEN = 2V, VFB = 1.1V
250
μA
VIN Under Voltage Lockout
Threshold Rising
INUVVth
3.0
3.5
4.0
V
VIN Under Voltage Lockout
Threshold Hysteresis
INUVHYS
350
mV
Feedback Voltage
VFB1, VFB2
0.97
1
1.03
V
Vstorage Refresh Threshold-
High
VFB1_H
VFB+0.025 VFB+0.05
V
Vstorage Refresh Threshold-
Low
VFB1_L
VFB-0.05 VFB-0.025
V
Vstorage Refresh Threshold-
Hysteresis
VFB1_Hys
50
mV
Feedback Current
IFB
VFB1= VFB2=1V
10
50
nA
PGS High Threshold
VTHPGS
0.9
VFB1
PGS Low Threshold
VTLPGS
0.85
VFB1
PGS Delay
PGS.Td
25
μs
PGS Sink Current
Capability
VPGS
Sink 4mA
0.2
V
PGS Leakage Current
IPGS LEAK
VPGS=3.3V
10
nA
PGIN High Threshold
VTHPGIN
1.05
VFB2
PGIN Low Threshold
VTLPGIN
1
VFB2
PGIN Delay
PGIN.Td
2
μs
PGIN Sink Current
Capability
VPGIN
Sink 4mA
0.2
V
PGIN Leakage Current
IPGIN_LEAK
VPGIN=3.3V
10
nA
Input Inrush Current Limit for
Charging Storage Capacitor
IPRECHARGE_LIMIT
VIN=12V, Charging
CSTORAGE from 0 to VIN
0.25
A
Current
limit
for
Dumping
Charge from CSTORAGE to VIN
IDUMP_LIMIT
2.5
4
A
Thermal Shutdown
TSD
150
ºC
Thermal Shutdown Hysteresis
THYS
30
ºC
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com