Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6302DD Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6302DD
Description  Energy Storage and Release Control IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6302DD Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6302DD Datasheet HTML 3Page - Monolithic Power Systems MP6302DD Datasheet HTML 4Page - Monolithic Power Systems MP6302DD Datasheet HTML 5Page - Monolithic Power Systems MP6302DD Datasheet HTML 6Page - Monolithic Power Systems MP6302DD Datasheet HTML 7Page - Monolithic Power Systems MP6302DD Datasheet HTML 8Page - Monolithic Power Systems MP6302DD Datasheet HTML 9Page - Monolithic Power Systems MP6302DD Datasheet HTML 10Page - Monolithic Power Systems MP6302DD Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP6302 – ENERGY STORAGE AND RELEASE CONTROL IC
MP6302 Rev. 1.02
www.MonolithicPower.com
7
7/17/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP6302 is an energy storage and release
control IC. It charges the storage capacitors
from input supply during power start up and
keeps refreshing the storage voltage at a
regulated value during normal operation. The
MP6302
continuously
monitors
the
input
voltage. Once the input voltage is lower than a
selected release voltage as
in the case of
losing input power, it releases the charge from
the storage capacitors to input side, and keeps
the input voltage regulated to the release
voltage for as long as possible. This allows the
system to respond to input power failure.
Start-up
During power start-up, there are two periods to
charge the storage voltage. In the first period,
the MP6302 pre-charges the large storage
capacitors from 0 to VIN with built-in inrush
current limit. Once the storage voltage is close
to the input voltage, an internal boost circuitry
will continuously charge and regulate the
storage capacitors to the target voltage. The
BST pin of MP6302 should connect to the
DCDC switch node. Figure1 shows the
charging process of MP6302.
VIN
EN of DC/DC
Output of DCDC
Storage Voltage
VIN
Pre-Charge w/ current limit
Target storage voltage
Figure 1—Timing of Charging
Storage Power Good Indicator
When the voltage on FB1 pin is lower than
0.85XVFB1, the PGs pin will be internally pulled
low. When the FB1 is above 0.9XVFB1, this pin
can be driven to the high logic.
Storage Voltage
After the start up period of MP6302, the storage
voltage can automatically regulated at a
selected output voltage. With the hysteretic
mechanism, when the storage voltage is lower
than selected voltage, an internal controlled
switch is turned on and charges the storage
capacitor. Once the storage voltage is charged
up, the switch turns off and waits for the next
refresh cycle.
Release
The MP6302 keeps monitoring the input voltage.
Once the input voltage is lower than the
selected release voltage as in the case of losing
input power, the MP6302 moves the charge
from high voltage storage capacitor to low input
voltage capacitor through an internal controlled
release path. MP6302 must charge Vs up till
PGs rises to high before a release can be
executed.
The
release
voltage
can
be
determined by choosing appropriate input
resistance divider. The maximum release
current can be as high as 2.5A. The release
process is shown in Figure2.
Vrelease
Vstorage
VIN
GASP
t
Input UVLO of DC/DC converter
Figure 2—Timing of Releasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com