Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6302DD Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6302DD
Description  Energy Storage and Release Control IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6302DD Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6302DD Datasheet HTML 2Page - Monolithic Power Systems MP6302DD Datasheet HTML 3Page - Monolithic Power Systems MP6302DD Datasheet HTML 4Page - Monolithic Power Systems MP6302DD Datasheet HTML 5Page - Monolithic Power Systems MP6302DD Datasheet HTML 6Page - Monolithic Power Systems MP6302DD Datasheet HTML 7Page - Monolithic Power Systems MP6302DD Datasheet HTML 8Page - Monolithic Power Systems MP6302DD Datasheet HTML 9Page - Monolithic Power Systems MP6302DD Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP6302 – ENERGY STORAGE AND RELEASE CONTROL IC
MP6302 Rev. 1.02
www.MonolithicPower.com
6
7/17/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN2x3
Pin #
Name Description
1
VMAX
Internal Supply. A 2.2nF ceramic capacitor is required for decoupling. Place this
capacitor as close to the pin as possible.
2
STRG Connect to storage capacitor for energy storage and release operation.
3
PGIN
Open drain output to indicate input power availability.
4
FB1
Feedback to set storage voltage.
5
GND
System Ground. This pin is the reference ground of the regulated output voltage. For
this reason care must be taken in PCB layout.
6
N/C
The pin should not be connected.
7
PGs
Open drain output to indicate storage voltage availability.
8
FB2
Feedback to set release voltage.
9
VIN
Supply Voltage. The MP6302 operates from a +4.2V to +18V input rail. Input decoupling
capacitor is needed to decouple the input rail.
10
BST
Bootstrap. A capacitor and a resistor in series connected between this pin and DC/DC
converter’s SW node is required to charge storage capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com