Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8757GL Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8757GL
Description  High Efficiency, 7A, 18V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8757GL Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8757GL Datasheet HTML 12Page - Monolithic Power Systems MP8757GL Datasheet HTML 13Page - Monolithic Power Systems MP8757GL Datasheet HTML 14Page - Monolithic Power Systems MP8757GL Datasheet HTML 15Page - Monolithic Power Systems MP8757GL Datasheet HTML 16Page - Monolithic Power Systems MP8757GL Datasheet HTML 17Page - Monolithic Power Systems MP8757GL Datasheet HTML 18Page - Monolithic Power Systems MP8757GL Datasheet HTML 19Page - Monolithic Power Systems MP8757GL Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MP8757–18V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER
MP8757 Rev. 1.0
www.MonolithicPower.com
16
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage---without external
compensation
The MP8757 can usually support different type of
output capacitors, including POSCAP, electrolytic
capacitor and also ceramic capacitors without
external ramp compensation. The output voltage
is then set by feedback resistors R1 and R2. As
Figure 10 shows.
R1
R2
CAP
SW
FB
Vo
L
C4
Figure10
—Simplified Circuit of POS Capacitor
First, choose a value for R2. R2 should be
chosen reasonably, a small R2 will lead to
considerable quiescent current loss while too
large R2 makes the FB noise sensitive. Typically,
set the current through R2 at around 5-10uA will
make a good balance between system stability
and also the no load loss. Then R1 is determined
as follow with the output ripple considered:
OUT
OUT
REF
12
REF
1
V
V
V
2
RR
V
 

(13)
OUT
V
is the output ripple, refer to equation (23).
Other than feedback resistors, a feed forward
cap C4 is usually applied for a better transient
performance, especially when ceramic caps are
applied for their small capacitance, a cap value
around 100pF-1nF is suggested for a better
transient while also keep the system stable with
enough noise immunity. In case the system is
noise sensitive because of the zero induced by
this cap, add a resistor-usually named as R9
between this cap and FB to form a pole, this
resistor can be set according to equation (16) as
in the following section.
Setting the Output Voltage
―with external
compensation
R1
R2
Ceramic
SW
FB
Vo
L
R9
R4
C4
Figure11
—Simplified Circuit of Ceramic
Capacitor
If the system is not stable enough when low ESR
ceramic capacitor is used in the output, an
external voltage ramp should be added to FB
through resistor R4 and capacitor C4.
The output voltage is influenced by ramp voltage
VRAMP besides R divider as shown in Figure 11.
The VRAMP can be calculated as shown in
equation 5. R2 should be chosen reasonably, a
small R2 will lead to considerable quiescent
current loss while too large R2 makes the FB
noise sensitive. It is recommended to choose a
value
within
5kΩ-50kΩ
for
R2,
using
a
comparatively larger R2 when Vo is low, etc.,
1.05V, and a smaller R2 when Vo is high. And
the value of R1 then is determined as follow:
2
1
FB(AVG)
2
OUT
FB(AVG)
4
9
R
R=
V
R
-
(V
-V
) R +R
(14)
The VFB(AVG) is the average value on the FB,
VFB(AVG) varies with the Vin, Vo, and load
condition, etc., its value on the skip mode would
be lower than that of the PWM mode, which
means the load regulation is strictly related to the
VFB(AVG). Also the line regulation is related to the
VFB(AVG). If one wants to gets a better load or line
regulation, a lower Vramp is suggested, as long
as the criterion shown in equation 7 can be met.
For PWM operation, VFB(AVG) value can be
deduced from the equation below.
12
FB( AVG)
REF
RAMP
1
2
9
R // R
1
V
V
V
2
R // R
R
(15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com