Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8757GL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8757GL
Description  High Efficiency, 7A, 18V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8757GL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8757GL Datasheet HTML 1Page - Monolithic Power Systems MP8757GL Datasheet HTML 2Page - Monolithic Power Systems MP8757GL Datasheet HTML 3Page - Monolithic Power Systems MP8757GL Datasheet HTML 4Page - Monolithic Power Systems MP8757GL Datasheet HTML 5Page - Monolithic Power Systems MP8757GL Datasheet HTML 6Page - Monolithic Power Systems MP8757GL Datasheet HTML 7Page - Monolithic Power Systems MP8757GL Datasheet HTML 8Page - Monolithic Power Systems MP8757GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MP8757–18V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER
MP8757 Rev. 1.0
www.MonolithicPower.com
4
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = 25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Supply Current (Shutdown)
ISD
VEN = 0V
0
1
μA
Supply Current (Quiescent)
IQ
VEN = 2V,
VFB = 0.65V
160
190
220
μA
MOSFET
High-side Switch On Resistance
HSRDS-ON
TJ =25
C
25
mΩ
Low-side Switch On Resistance
LSRDS-ON
TJ =25
C
12
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW = 0V
0
1
μA
Current Limit
Low-side Valley Current Limit
ILIMIT
9.5
A
Switching frequency and minimum off time
Switching frequency
FSW
400
500
600
kHz
Minimum Off Time(6)
TOFF
250
300
350
ns
Over-voltage and Under-voltage Protection
OVP Threshold
VOVP
125
130
135
%VREF
OVP Delay
TOVPDEL
2.5
μs
UVP Threshold
VUVP
55
60
65
%VREF
UVP Delay
TUVPDEL
12
μs
Reference And Soft Start
Reference Voltage
VREF
598
604
610
mV
Feedback Current
IFB
VFB = 0.604V
10
50
nA
Soft Start Time
TSS
1.6
1.95
ms
Enable And UVLO
Enable Input Low Voltage
VILEN
1.15
1.25
1.35
V
Enable Hysteresis
VEN-HYS
100
mV
Enable Input Current
IEN
VEN = 2V
3
μA
VEN = 0V
0
VCC Under Voltage Lockout
Threshold Rising
VCCVth
4.5
4.85
V
VCC Under Voltage Lockout
Threshold Hysteresis
VCCHYS
500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com