Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8757GL Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8757GL
Description  High Efficiency, 7A, 18V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8757GL Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8757GL Datasheet HTML 13Page - Monolithic Power Systems MP8757GL Datasheet HTML 14Page - Monolithic Power Systems MP8757GL Datasheet HTML 15Page - Monolithic Power Systems MP8757GL Datasheet HTML 16Page - Monolithic Power Systems MP8757GL Datasheet HTML 17Page - Monolithic Power Systems MP8757GL Datasheet HTML 18Page - Monolithic Power Systems MP8757GL Datasheet HTML 19Page - Monolithic Power Systems MP8757GL Datasheet HTML 20Page - Monolithic Power Systems MP8757GL Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
MP8757–18V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER
MP8757 Rev. 1.0
www.MonolithicPower.com
18
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 F
L C
V
 
 
(23)
The output voltage ripple caused by ESR is very
small. Therefore, an external ramp is needed to
stabilize the system. The external ramp can be
generated through resistor R4 and capacitor C4.
In the case of POSCAP capacitors, the ESR
dominates
the
impedance
at
the
switching
frequency. The ramp voltage generated from the
ESR is high enough to stabilize the system.
Therefore, an external ramp is not needed. A
minimum ESR value around
12mΩ is required to
ensure stable operation of the converter. For
simplification,
the
output
ripple
can
be
approximated as:
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
F
L
V
 
(24)
Maximum output capacitor limitation should be
also considered in design application. MP8757
has an around 1.6ms soft-start time period. If the
output capacitor value is too high, the output
voltage can’t reach the design value during the
soft-start time, and then it will fail to regulate. The
maximum output capacitor value Co_max can be
limited approximately by:
O _ MAX
LIM _ AVG
OUT
ss
OUT
C
(I
I
) T / V
(25)
Where, ILIM_AVG is the average start-up current
during soft-start period. Tss is the soft-start time.
Inductor
The inductor is necessary to supply constant
current to the output load while being driven by
the
switched
input
voltage.
A
larger-value
inductor will result in less ripple current that will
result in lower output ripple voltage. However, a
larger-value inductor will have a larger physical
footprint, higher series resistance, and/or lower
saturation current. A good rule for determining
the inductance value is to design the peak-to-
peak ripple current in the inductor to be in the
range of 30% to 40% of the maximum output
current, and that the peak inductor current is
below the maximum switch current limit. The
inductance value can be calculated by:
OUT
OUT
SW
L
IN
VV
L
(1
)
F
I
V
 

(26)
Where ΔIL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current, where the peak
inductor current can be calculated by:
OUT
OUT
LP
OUT
SW
IN
VV
I
I
(1
)
2F
L
V
 
(27)
PCB Layout Guide
1.
The high current paths (PGND, IN, and SW)
should be placed very close to the device
with short, direct and wide traces.
2. Put the input capacitors as close to the IN
and PGND pins as possible.
3. Put the decoupling capacitor as close to the
VCC and AGND pins as possible. Place the
Cap close to VCC if the distance is long. And
place >3 Vias if via is required to reduce the
leakage inductance.
4. Keep the switching node SW short and away
from the feedback network.
5. The external feedback resistors should be
placed next to the FB pin. Make sure that
there is no via on the FB trace.
6. Keep the BST voltage path (BST, C3, and
SW) as short as possible.
7. Keep the IN and PGND pads connected with
large copper and use at least two layers for
IN and PGND trace to achieve better thermal
performance. Also, add several Vias with
10mil_drill/18mil_copper_width close to the
IN and PGND pads to help on thermal
dissipation.
8. Four-layer layout is strongly recommended to
achieve better thermal performance.
Note:
Please refer to the PCB Layout Application Note
for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com