Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8758GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8758GL
Description  High Efficiency, 10A, 18V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8758GL Datasheet HTML 1Page - Monolithic Power Systems MP8758GL Datasheet HTML 2Page - Monolithic Power Systems MP8758GL Datasheet HTML 3Page - Monolithic Power Systems MP8758GL Datasheet HTML 4Page - Monolithic Power Systems MP8758GL Datasheet HTML 5Page - Monolithic Power Systems MP8758GL Datasheet HTML 6Page - Monolithic Power Systems MP8758GL Datasheet HTML 7Page - Monolithic Power Systems MP8758GL Datasheet HTML 8Page - Monolithic Power Systems MP8758GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP8758
High Efficiency, 10A, 18V
Synchronous, Step-Down Converter
MP8758 Rev. 1.0
www.MonolithicPower.com
1
1/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
MP8758
is
a
fully-integrated,
high
frequency, synchronous, rectified, step-down
converter. It offers a very compact solution to
achieve a 10A output current over a wide input-
supply range with excellent load and line
regulation.
MP8758 employs the Constant-On-Time (COT)
control scheme, which provides fast transient
response, eases loop stabilization. The COT
control scheme provides seamless transition to
PFM mode at light load operation which boosts
the light load efficiency.
Under voltage lockout is internally set as 4.5V.
An open drain power good signal indicates
output voltage is within its nominal voltage
range.
Full protection features include OCP, OVP, and
thermal shutdown.
MP8758 requires minimum number of external
components and are available in QFN21
(3mmx4mm) package.
FEATURES
• Wide 5V to 18V Operating Input Range
• 10A Continuous Output Current
• Low RDS(ON) Internal Power MOSFETs
• Proprietary Switching Loss Reduction
Technique
• Internal Soft Start
• Output Discharge
• 500kHz Switching Frequency
• OCP, OVP, UVP and Thermal Shutdown
• Latch off Reset via EN or Power Cycle
• Output Adjustable from 0.604V to 5.5V
APPLICATIONS
•
Tablet PC
•
Networking Systems
•
Set-Top Box and Multi-Function Printer
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP8758GL

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP8758-4 FAIRVIEW-MP8758-4 Datasheet
466Kb / 3P
4 Way Power Divider N Connectors From 800 MHz to 2.5 GHz Rated at 50 Watts
REV 2.0
logo
Monolithic Power System...
MP8758H MPS-MP8758H Datasheet
834Kb / 23P
High-Current, 10A, 22V, Synchronous Step-Down Converter with Hiccup OCP, PFM/PWM Mode Selection, and Auto-Retry Thermal Shutdown
MP8758HGL MPS-MP8758HGL Datasheet
834Kb / 23P
High-Current, 10A, 22V, Synchronous Step-Down Converter with Hiccup OCP, PFM/PWM Mode Selection, and Auto-Retry Thermal Shutdown
MP8758HGL MPS-MP8758HGL Datasheet
603Kb / 8P
22V, 10A, High Current Synchronous Buck Converter
More results

Similar Description - MP8758GL

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MP8762 MPS-MP8762 Datasheet
1Mb / 39P
High Efficiency, 10A, 18V Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MPQ8636A-10 MPS-MPQ8636A-10 Datasheet
1Mb / 22P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MP8762H MPS-MP8762H Datasheet
2Mb / 36P
High Efficiency, 10A, 18V Synchronous Step-down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483B ETA-ETA1483B Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com