Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8758GL Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8758GL
Description  High Efficiency, 10A, 18V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758GL Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8758GL Datasheet HTML 10Page - Monolithic Power Systems MP8758GL Datasheet HTML 11Page - Monolithic Power Systems MP8758GL Datasheet HTML 12Page - Monolithic Power Systems MP8758GL Datasheet HTML 13Page - Monolithic Power Systems MP8758GL Datasheet HTML 14Page - Monolithic Power Systems MP8758GL Datasheet HTML 15Page - Monolithic Power Systems MP8758GL Datasheet HTML 16Page - Monolithic Power Systems MP8758GL Datasheet HTML 17Page - Monolithic Power Systems MP8758GL Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
MP8758–18V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER
MP8758 Rev. 1.0
www.MonolithicPower.com
14
1/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Therefore, when EN is driven by an external logic
signal, the EN voltage should be lower than
12V.when EN is connected with VIN through a
pull-up resistor or a resistive voltage divider, the
resistance selection should ensure the maximum
pull up current less than 1mA.
If using a resistive voltage divider and VIN higher
than 12V, the allowed minimum pull-up resistor
RUP should meet the following equation:
IN
UP
DOWN
V(V) 12
12
1(mA)
R(k )
R
(k )
−
−<
ΩΩ
(10)
Especially, just using the pull-up resistor RUP (the
pull-down resistor is not connected), the
IN-START
V
is determined by input UVLO, and the minimum
resistor value is:
IN
UP
V(V) 12
R(k )
1(mA)
−
Ω>
(11)
A typical pull-up resistor is 499kΩ.
Soft Start
The MP8758 employs soft start (SS) mechanism
to ensure smooth output during power-up. When
the EN pin becomes high, the internal reference
voltage ramps up gradually; hence, the output
voltage ramps up smoothly, as well. Once the
reference voltage reaches the target value, the
soft start finishes and it enters into steady state
operation.
If the output is pre-biased to a certain voltage
during startup, the IC will disable the switching of
both high-side and low-side switches until the
voltage on the internal reference exceeds the
sensed output voltage at the FB node.
Power Good (PG)
The MP8758 has power-good (PGOOD) output
used to indicate whether the output voltage of the
regulator is ready or not. The PGOOD pin is the
open drain of a MOSFET. It should be connected
to VCC or other voltage source through a resistor
(e.g. 100k,). After the input voltage is applied, the
MOSFET is turned on so that the PGOOD pin is
pulled to GND before SS is ready. After FB
voltage reaches 95% of REF voltage, the
PGOOD pin is pulled high after a delay. The
PGOOD delay time is 0.45ms.
When the FB voltage drops to 85% of REF
voltage, the PGOOD pin will be pulled low.
Over Current Protection
MP8758 has cycle-by-cycle over current limiting
control. The current-limit circuit employs a
"valley" current-sensing algorithm. The part use
the Rds(on) of the low side MOSFET as a
current-sensing element. If the magnitude of the
current-sense signal is above the current-limit
threshold, the PWM is not allowed to initiate a
new cycle.
The trip level is fixed internally. The inductor
current is monitored by the voltage between GND
pin and SW pin. GND is used as the positive
current sensing node so that GND should be
connected to the source terminal of the bottom
MOSFET.
Since the comparison is done during the high
side MOSFET OFF and low side MOSFET ON
state, the OC trip level sets the valley level of the
inductor current. Thus, the load current at over-
current threshold, IOC, can be calculated as
follows:
Δ
=+ inductor
OC
I
I
I _ limit
2
(12)
In an over-current condition, the current to the
load exceeds the current to the output capacitor;
thus the output voltage tends to fall off.
Eventually, it will end up with crossing the under
voltage protection threshold and shutdown. And
fault latching can be reset by EN going low or
Power-cycling of VIN.
Over/Under-Voltage Protection (OVP/UVP)
MP8758 monitors a resistor divided feedback
voltage to detect over and under voltage. When
the feedback voltage becomes higher than 115%
of the target voltage, the controller will enter
Dynamic Regulation Period. During this period,
the LS will off when the LS current goes to -1A,
this will then discharge the output and try to keep
it within the normal range. If the dynamic
regulation can not limit the increasing of the Vo,
once the feedback voltage becomes higher than
130% of the feedback voltage, the OVP
comparator output goes high and the circuit
latches as the high-side MOSFET driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com