Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8758GL Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8758GL
Description  High Efficiency, 10A, 18V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758GL Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8758GL Datasheet HTML 8Page - Monolithic Power Systems MP8758GL Datasheet HTML 9Page - Monolithic Power Systems MP8758GL Datasheet HTML 10Page - Monolithic Power Systems MP8758GL Datasheet HTML 11Page - Monolithic Power Systems MP8758GL Datasheet HTML 12Page - Monolithic Power Systems MP8758GL Datasheet HTML 13Page - Monolithic Power Systems MP8758GL Datasheet HTML 14Page - Monolithic Power Systems MP8758GL Datasheet HTML 15Page - Monolithic Power Systems MP8758GL Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP8758–18V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER
MP8758 Rev. 1.0
www.MonolithicPower.com
12
1/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
As the output current increases from the light
load condition, the time period within which the
current modulator regulates becomes shorter.
The HS-FET is turned ON more frequently.
Hence,
the
switching
frequency
increases
correspondingly. The output current reaches the
critical level when the current modulator time is
zero. The critical level of the output current is
determined as follows:
IN
OUT
OUT
OUT
SIN
(V
V
) V
I
2L F
V
−×
=
××
×
(1)
It turns into PWM mode once the output current
exceeds the critical level. After that, the switching
frequency stays fairly constant over the output
current range.
Jitter and FB Ramp Slope
Jitter occurs in both PWM and skip modes when
noise in the VFB ripple propagates a delay to the
HS-FET driver, as shown in Figures 4 and 5.
Jitter can affect system stability, with noise
immunity proportional to the steepness of VFB’s
downward slope. However, VFB ripple does not
directly affect noise immunity.
V
RE F
V
FB
HS D river
VNOISE
J itter
V
S L O PE1
Figure 4—Jitter in PWM Mode
V
FB
HS D river
Jitter
V
REF
V
SL O P E 2
VNOISE
Figure 5—Jitter in Skip Mode
Operating without external ramp
The traditional constant-on-time control scheme
is intrinsically unstable if output capacitor’s ESR
is not large enough as an effective current-sense
resistor. Ceramic capacitors usually can not be
used as output capacitor.
To realize the stability, the ESR value should be
chosen as follow:
SW
ON
ESR
OUT
TT
0.7
2
R
C
+
×π
≥
(2)
TSW is the switching period.
The MP8758
has
built
in
internal ramp
compensation to make sure the system is stable
even without the help of output capacitor’s ESR;
and thus the pure ceramic capacitor solution can
be applicant. The pure ceramic capacitor solution
can significantly reduce the output ripple, total
BOM cost and the board area.
Figure 6 shows a typical output circuit in PWM
mode without an external ramp circuit. Turn to
application information section for design steps
without external compensation.
R1
R2
CAP
SW
FB
Vo
L
C4
Figure 6—Simplified Circuit in PWM Mode without
External Ramp Compensation
When using a large-ESR capacitor on the output,
add a ceramic capacitor with a value of 10uF or
less to in parallel to minimize the effect of ESL.
Operating with external ramp compensation
The MP8758 is usually able to support ceramic
output capacitors without external ramp, however,
in some of the cases, the internal ramp may not
be enough to stabilize the system, and external
ramp
compensation
is
needed.
Skip
to
application information section for design steps
with external ramp compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com