Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4051 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4051
Description  Non-isolated Solution Offline LED Controller with Active PFC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4051 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4051 Datasheet HTML 1Page - Monolithic Power Systems MP4051 Datasheet HTML 2Page - Monolithic Power Systems MP4051 Datasheet HTML 3Page - Monolithic Power Systems MP4051 Datasheet HTML 4Page - Monolithic Power Systems MP4051 Datasheet HTML 5Page - Monolithic Power Systems MP4051 Datasheet HTML 6Page - Monolithic Power Systems MP4051 Datasheet HTML 7Page - Monolithic Power Systems MP4051 Datasheet HTML 8Page - Monolithic Power Systems MP4051 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP4051—NON-ISOLATED OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4051 Rev. 1.01
www.MonolithicPower.com
3
1/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 14V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Voltage
Operating Range
VCC
After turn on
10.3
23
V
Turn-on Threshold
VCC_ON
VCC rising edge
12.6
13.6
14.6
V
Turn-off Threshold
VCC_OFF
VCC falling edge
8.4
9.0
9.6
V
Hysteretic Voltage
VCC_HYS
4.5
V
Supply Current
Start-up Current
ISTARTUP
VCC=11V
20
30
µA
Quiescent Current
IQ
No switching
0.75
1
mA
Operating Current
ICC
Fs =70kHz
2
3
mA
Multiplier
Operation Range
VMULT
0
3
V
Gain
K
(5)
1
1/V
Error Amplifier
Feedback Voltage
VFB
0.403
0.414
0.425
V
Transconductance
(6)
GEA
222
µA/V
Upper Clamp Voltage
VCOMP_H
5.3
5.65
6
V
Lower Clamp Voltage
VCOMP_L
1.3
1.5
1.7
V
Max Source Current
(6)
ICOMP
75
µA
Max Sink Current
(6)
ICOMP
-400
µA
Current Sense Comparator
Leading Edge Blanking Time
tLEB
280
ns
Current Sense Clamp Voltage
VCS_CLAMP
2.3
2.5
2.7
V
Zero Current Detector
Zero Current Detect threshold
VZCD_T
VZCD falling edge
0.31
V
Zero Current Detect Hysteresis
VZCD_HYS
650
mV
ZCD Blanking Time
tLEB_ZCD
After turn-off
1.8
2.5
3.2
μs
Over-voltage Blanking Time
tLEB_OVP
After turn-off
1.5
μs
Over-voltage Threshold
VZCD_OVP 1.5μs delay after turn-off
5.1
5.4
5.7
V
Over-current Blanking Time
tLEB_OCP
After turn-on,
same as tLEB
280
ns
Over-current Threshold
VZCD_OCP 280ns delay after turn-on
0.57
0.60
0.63
V
Minimum Off Time
tOFF_MIN
2
3.5
5
µs
Starter
Start Timer Period
tSTART
130
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com