Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4051 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4051
Description  Non-isolated Solution Offline LED Controller with Active PFC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4051 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4051 Datasheet HTML 8Page - Monolithic Power Systems MP4051 Datasheet HTML 9Page - Monolithic Power Systems MP4051 Datasheet HTML 10Page - Monolithic Power Systems MP4051 Datasheet HTML 11Page - Monolithic Power Systems MP4051 Datasheet HTML 12Page - Monolithic Power Systems MP4051 Datasheet HTML 13Page - Monolithic Power Systems MP4051 Datasheet HTML 14Page - Monolithic Power Systems MP4051 Datasheet HTML 15Page - Monolithic Power Systems MP4051 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP4051—NON-ISOLATED OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4051 Rev. 1.01
www.MonolithicPower.com
14
1/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
VCC
3
GND
6
GATE
4
ZCD
2
CS 5
FB
7
MULT
1
COMP
8
U1
MP4051
OUTPUT:
R1
1k/1%
1206
R4
10k
1%
F1
250V/2A
85-265VAC
RV1
ERZ-V10D431
430V/2500A
BD1
KBP206
600V/2A
D1
BZT52C27
27V/2mA
R8
1.1/1%
1206
R15
16k/1%
13Ts
0.20mm
161Ts
0.33mm
R16
3k/1%
R12
1k/1%
R11
510/1%
R9
2.2/1%
1206
R10
3.3/1%
1206
R16
150k/1%
1206
R2
1k/1%
1206
C1
220nF
400V
R3
1M
R5
510k
R6
51
R13
100
AGND
AGND
PGND
D2
BAV21W
200V/0.2A
D3
1N4148WS
75V/0.15A
D5
HER208
1kV/2A
D4
75V/0.15A
1N4148WS
R7
51/1%
1206
PGND
AGND
AGND
PGND
PGND
C2
22nF
16V
CX1
100nF/275VAC
L1
3.3mH
500mA
L2
3.3mH
500mA
L3
20mH
500mA
LED-
LED+
200-300V/80mA
Figure 11—Universal Input, Non-isolated High-side Buck-boost Converter,
Drive 200V-300V/80mA LED Lamp
MULT
1
ZCD
2
VCC
3
GATE
GATE 4
CS 5
GND 6
FB 7
COMP
8
LED+
GND
GND
GND
GND
ZCD
GATE
D4
WGC10GH/400V/1A
D3
BZT52C16/16V/5mA
R12
4k/1%/0603
C5
100nF/400VAC
D2
1N4148WT/75V/0.15A
LED+
LED-
D1
S3J/600V/4A
M1
SM K0870F/700V/8A
R7
5k/1206
R16
1M/0603
VCC
MP4051
U1
GND
L
N
Figure 12—100VAC Input, Non-isolated High-side Buck Converter, Drive 12 LEDs in Series,
150mA LED Current for 6W LED Bulb Lighting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com