Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4051 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4051
Description  Non-isolated Solution Offline LED Controller with Active PFC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4051 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4051 Datasheet HTML 8Page - Monolithic Power Systems MP4051 Datasheet HTML 9Page - Monolithic Power Systems MP4051 Datasheet HTML 10Page - Monolithic Power Systems MP4051 Datasheet HTML 11Page - Monolithic Power Systems MP4051 Datasheet HTML 12Page - Monolithic Power Systems MP4051 Datasheet HTML 13Page - Monolithic Power Systems MP4051 Datasheet HTML 14Page - Monolithic Power Systems MP4051 Datasheet HTML 15Page - Monolithic Power Systems MP4051 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP4051—NON-ISOLATED OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4051 Rev. 1.01
www.MonolithicPower.com
12
1/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Output Over-Voltage Protection (OVP)
Output over voltage protection can prevent the
components from damage in the over voltage
condition. The positive plateau of auxiliary
winding voltage is proportional to the output
voltage, the OVP uses the auxiliary winding
voltage instead of directly monitoring the output
voltage, the OVP sample is shown in Figure 8.
Once the ZCD pin voltage is higher than 5.4V
after a 1.5us blanking time, the OVP signal will
be triggered and latched, the gate driver will be
turned off and the IC work at quiescent mode, the
VCC voltage dropped below the UVLO which will
make the IC shut down and the system restarts
again. The output OVP setting point can be
calculated as:
⋅⋅
=
+
AUX
ZCD2
OUT _ OVP
SEC
ZCD1
ZCD2
NR
V5.4V
NR
R
VOUT_OVP—Output over voltage protection point
NAUX—The auxiliary winding turns
NSEC—The secondary winding turns
+
1.5µs
Blanking
Vcc
ZCD
Auxiliary Winding
RZCD1
OVP
signal
5.4V
Latch
RZCD2
CZCD
Figure 8—OVP Sample Unit
To avoid the mis-trigger OVP by the oscillation
spike after the switch turns off, the OVP sampling
has a tLEB_OVP blanking period, typical 1.5µs,
shown in Figure 9.
The current-limiting resistor between the output
of the aux-winding and the ZCD resistor divider
can also work as suppresser to avoid the OVP
mis-trigger.
VZCD
0V
Sampling Here
tLEB_OVP
Figure 9—ZCD Voltage and OVP Sample
Output Short Circuit Protection
The MP4051 clamps the CS pin voltage to less
than 2.5V to limit the available output power.
When the short circuit of the LED load occurs,
the voltage of the auxiliary winding will fall down
following the voltage of the Load and the VCC
drops to less than UV threshold and re-start the
system.
As supplementary, tie a resistor divider form CS
sensing resistor to ZCD pin, shown in Figure 10.
When the power MOSFET is turned on, the ZCD
pin monitors the rising inductor current, once the
ZCD pin reaches OCP threshold, typical 0.6V,
the gate driver will be turned off to prevent the
chip form damage and the IC works at quiescent
mode, the VCC voltage dropped below the UVLO
which will make the IC shut down and the system
restarts again. Please note that the value of the
resistors to set the OCP threshold (ROCP1 & ROCP2)
should be much smaller than those of the ZCD
zero-current detector (RZCD1 & RZCD2).
280ns
Blanking
ZCD
OCP
signal
0.6V
Latch
CS
GATE
PSR
control
Primary Winding
V
BUS
ROCP1
R
OCP2
R
CS
D
Figure 10—OCP Sample Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com