Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4068 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP4068
Description  Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4068 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP4068 Datasheet HTML 12Page - Monolithic Power Systems MP4068 Datasheet HTML 13Page - Monolithic Power Systems MP4068 Datasheet HTML 14Page - Monolithic Power Systems MP4068 Datasheet HTML 15Page - Monolithic Power Systems MP4068 Datasheet HTML 16Page - Monolithic Power Systems MP4068 Datasheet HTML 17Page - Monolithic Power Systems MP4068 Datasheet HTML 18Page - Monolithic Power Systems MP4068 Datasheet HTML 19Page - Monolithic Power Systems MP4068 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MP4068 – HIGH PF, NON-ISOLATED, TRIAC DIMMABLE LED DRIVER
MP4068 Rev. 1.01
www.MonolithicPower.com
17
7/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
4. Place the feedback resistor as close to OVF
as possible to minimize the feedback
sampling loop in order to minimize the noise
coupling route.
5. With buck topology, since CS and GND are
switching nodes, the copper area connected
to these pins should be small to improve EMI
performance. Also, GND is used as a heat-
sink; a large copper area GND can improve
thermal performance, so you must make a
tradeoff
between
EMI
and
thermal
performance.
Top Layer
Bottom Layer
FIGURE 8. Recommended PCB Layout
Design Example
Below is a design example following the
application guidelines based on the following
specifications:
TABLE 1. Design Example
VIN
108Vac~132Vac
VOUT
50V
IOUT
160mA
Fig. 9 shows the detailed application schematic.
This circuit is used for the typical performance
and circuit waveforms. For more device
applications, please refer to the related
evaluation board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com