Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4068 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4068
Description  Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4068 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4068 Datasheet HTML 1Page - Monolithic Power Systems MP4068 Datasheet HTML 2Page - Monolithic Power Systems MP4068 Datasheet HTML 3Page - Monolithic Power Systems MP4068 Datasheet HTML 4Page - Monolithic Power Systems MP4068 Datasheet HTML 5Page - Monolithic Power Systems MP4068 Datasheet HTML 6Page - Monolithic Power Systems MP4068 Datasheet HTML 7Page - Monolithic Power Systems MP4068 Datasheet HTML 8Page - Monolithic Power Systems MP4068 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP4068 – HIGH PF, NON-ISOLATED, TRIAC DIMMABLE LED DRIVER
MP4068 Rev. 1.01
www.MonolithicPower.com
4
7/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PACKAGE REFERENCE
VCC
GND
OVF
CS
HV
GND
GND
1
2
3
4
8
6
5
TOP VIEW
VCC
OVF
GND
CS
NC
HV
NC
NC
1
2
3
4
8
7
6
5
TOP VIEW
SOIC8-7A
SOIC-8 EP
ABSOLUTE MAXIMUM RATINGS
(1)
HV to CS.......................................-0.3V to 500V
VCC, CS to GND ............................-0.3V to6.5V
OVF to GND ..................................-0.7V to 6.5V
Source Current on OVF ............................. 4mA
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC8-7A .................................................. 1.6W
SOIC-8 EP ................................................. 2.6W
Lead Temperature ....................................260
°C
Storage Temperature............... -60
°C to +150°C
ESD Capability Human Body Mode .......... 2.0kV
CDM ESD Capability................................. 2.0kV
Recommended Operating Conditions
(3)
Operating VCC Range .......................4.1V to 5V
Thermal Resistance
(4)
θJA
θJC
SOIC8-7A ............................... 76 ...... 35...
°C/W
SOIC-8 EP.............................. 48 ...... 10...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com