Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4068 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4068
Description  Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4068 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4068 Datasheet HTML 9Page - Monolithic Power Systems MP4068 Datasheet HTML 10Page - Monolithic Power Systems MP4068 Datasheet HTML 11Page - Monolithic Power Systems MP4068 Datasheet HTML 12Page - Monolithic Power Systems MP4068 Datasheet HTML 13Page - Monolithic Power Systems MP4068 Datasheet HTML 14Page - Monolithic Power Systems MP4068 Datasheet HTML 15Page - Monolithic Power Systems MP4068 Datasheet HTML 16Page - Monolithic Power Systems MP4068 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP4068 – HIGH PF, NON-ISOLATED, TRIAC DIMMABLE LED DRIVER
MP4068 Rev. 1.01
www.MonolithicPower.com
13
7/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP4068 is a highly integrated and cost-
effective TRIAC dimmable LED driver with a
high power factor (PF). Minimal external
components make the MP4068 a competitive
IC in low-line (120VAC) input, non-isolated
applications, especially for small form factor
applications. Hybrid operation mode achieves
both good dimming performance and an
accurate output current. The power factor is
higher than 0.7 in most applications to eliminate
the harmonic pollution on AC line. The
integrated high-voltage regulator enables fast
start-up without any perceptible delay. The
power de-rating function at high temperatures
protects the IC from thermal damage.
Hybrid Operation Mode
To
achieve
smooth
TRIAC
dimming
performance, the MP4068 implements an MPS
proprietary hybrid operation mode, in which the
IC self-adjusts the internal PWM control mode
between CCM and DCM during different times
of the AC cycle. The hybrid operation mode
actively maintains the latching current and
holding current of the leading edge TRIAC, and
it enables good power factor.
Also, the hybrid operation mode achieves the
small dimming duty condition. The IC works in
CCM during the entire dimming on time when
the dimmer is set to a small dimming duty. The
higher and smoother input current achieves
excellent dimming performance.
Power Supply
The IC is self supplied by the internal high-
voltage regulator (which is drawn from the
drain). The IC starts switching and the internal
high-voltage regulator turns off as soon as the
voltage on
VCC reaches VCCOFF (4.65V,
typically). When the voltage on VCC falls below
VCCON (4.4V, typically), the internal high-
voltage regulator turns on again to charge the
external VCC capacitor. A small capacitor
(several μF) is recommended. In TRIAC
dimming applications, the internal high-voltage
regulator works only when the dimmer is on and
cannot afford enough power supply for the chip,
so an external charging circuit is recommended
(see Fig. 2).
When the voltage on VCC drops below
VCCSTOP (3.4V, typically), the IC stops working,
and the internal high-voltage regulator re-
charges the VCC capacitor.
VCC
OVF
GND
L
R1
LED+
MP4068
C2
C1
D1
FIGURE 2. VCC Charging Circuit
When OVP occurs, the MP4068 stops working,
and an 18μA internal current source discharges
the VCC capacitor. After VCC drops below
VCCPRO (2.35V, typically), the internal high-
voltage regulator re-charges the VCC capacitor
again. The re-start time can be calculated by the
following equation:
−−
=×
+
×
μ
restart
Vcc
Vcc
Vcc 2.35V
4.65V 2.35V
tC
C
18 A
5mA
Fig. 3 shows the typical waveform with VCC
under-voltage lockout.
VCCOFF
VCCON
VCC
Internal
Voltage
Regulator
Driving
Signal
ON
OFF
VCCSTOP
FIGURE 3. VCC Under-Voltage Lock Out (UVLO)
Constant Current Operation
The MP4068 is a highly integrated driver. The
internal feedback logic responds to the internal
sample and hold circuit to achieve constant
output-current regulation. The voltage of the
internal sampling capacitor (VFB) is compared to
the internal reference (0.195V). When the
sampling capacitor voltage (VFB) falls below the
reference voltage (which indicates an insufficient
output current), the integrated MOSFET is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com