Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8760DGL Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8760DGL
Description  High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8760DGL Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8760DGL Datasheet HTML 14Page - Monolithic Power Systems MP8760DGL Datasheet HTML 15Page - Monolithic Power Systems MP8760DGL Datasheet HTML 16Page - Monolithic Power Systems MP8760DGL Datasheet HTML 17Page - Monolithic Power Systems MP8760DGL Datasheet HTML 18Page - Monolithic Power Systems MP8760DGL Datasheet HTML 19Page - Monolithic Power Systems MP8760DGL Datasheet HTML 20Page - Monolithic Power Systems MP8760DGL Datasheet HTML 21Page - Monolithic Power Systems MP8760DGL Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
MP8760D ― 6A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8760D Rev. 1.1
www.MonolithicPower.com
18
1/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EN Comparator
RUP
RDOWN
IN
EN
Figure 9—Adjustable UVLO Threshold
Thermal Shutdown
The MP8760D has thermal shutdown protection.
The
IC
internally
monitors
the
junction
temperature. If the junction temperature exceeds
the threshold value (minimum 150ºC), the
converter shuts off. This is a non-latch protection.
There is about 25ºC hysteresis. Once the
junction temperature drops to about 125ºC, it
initiates a soft startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com