Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8760DGL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8760DGL
Description  High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8760DGL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8760DGL Datasheet HTML 1Page - Monolithic Power Systems MP8760DGL Datasheet HTML 2Page - Monolithic Power Systems MP8760DGL Datasheet HTML 3Page - Monolithic Power Systems MP8760DGL Datasheet HTML 4Page - Monolithic Power Systems MP8760DGL Datasheet HTML 5Page - Monolithic Power Systems MP8760DGL Datasheet HTML 6Page - Monolithic Power Systems MP8760DGL Datasheet HTML 7Page - Monolithic Power Systems MP8760DGL Datasheet HTML 8Page - Monolithic Power Systems MP8760DGL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MP8760D
High Efficiency, 6A, 18V
Synchronous Step-down Converter
With Output Discharge
MP8760D Rev. 1.1
www.MonolithicPower.com
1
1/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8760D is a fully integrated high
frequency synchronous rectified step-down
switch mode converter. It offers a very compact
solution to achieve 6A output current over a
wide input supply range with excellent load and
line regulation. The MP8760D operates at high
efficiency over a wide output current load range.
The MP8760D uses Constant-On-Time (COT)
control mode to provide fast transient response
and ease loop stabilization.
An external resistor programs the operating
frequency from 200kHz to 1MHz and the
frequency keeps nearly constant as input
supply
varies
with
the
feedforward
compensation.
The default under voltage lockout threshold is
internally set at less than 4.1V, but a resistor
network on the enable pin can increase this
threshold. An open drain power good signal
indicates that the output is within nominal
voltage range.
The MP8760D employs a programmable soft
start and shut-down scheme. With the soft shut-
down feature, it discharges the output voltage
smoothly when the enable signal is deserted.
It has fully integrated protection features that
include over-current protection, over-voltage
protection and thermal shutdown.
The MP8760D requires a minimal number of
readily available standard external components
and is available in a 3mm×4mm package.
FEATURES
• 2.5V to 18V Operating Input Range with
External 5V Bias
• 4.5V to 18V Operating Input Range with
Internal Bias
• 6A Output Current
• Low RDS(ON) Internal Power MOSFETs
• Proprietary
Switching
Loss
Reduction
Technique
• Adaptive COT for Ultrafast Transient
Response
• 1.5% Reference Voltage Over -40°C to
125
°C Junction Temperature Range
• Programmable Soft Start and Shut-down
Time
• Pre-Bias Start up
• Output Discharge after EN Shut down
• Programmable Switching Frequency from
200kHz to 1MHz
• Non-latch
OCP,
OVP
and
Thermal
Shutdown
• Output Adjustable from 0.611V to 13V
APPLICATIONS
•
Storage
•
Set-Top Boxes
•
XDSL Modem/DSLAM
•
Small-Cell Base Stations
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP8760DGL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8760DGL MPS-MP8760DGL Datasheet
344Kb / 8P
High Efficiency, 6A, 18V Synchronous, Step-Down Converter Evaluation Board
More results

Similar Description - MP8760DGL

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
MP8763D MPS-MP8763D Datasheet
970Kb / 25P
High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
EV8760D-L-00A MPS-EV8760D-L-00A Datasheet
344Kb / 8P
High Efficiency, 6A, 18V Synchronous, Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
6A, 18V, Synchronous Step-Down Converter
June 2019
RT7298A RICHTEK-RT7298A Datasheet
323Kb / 21P
6A, 18V, Synchronous Step-Down Converter
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com