Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8760DGL Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP8760DGL
Description  High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8760DGL Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP8760DGL Datasheet HTML 17Page - Monolithic Power Systems MP8760DGL Datasheet HTML 18Page - Monolithic Power Systems MP8760DGL Datasheet HTML 19Page - Monolithic Power Systems MP8760DGL Datasheet HTML 20Page - Monolithic Power Systems MP8760DGL Datasheet HTML 21Page - Monolithic Power Systems MP8760DGL Datasheet HTML 22Page - Monolithic Power Systems MP8760DGL Datasheet HTML 23Page - Monolithic Power Systems MP8760DGL Datasheet HTML 24Page - Monolithic Power Systems MP8760DGL Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
MP8760D ― 6A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8760D Rev. 1.1
www.MonolithicPower.com
21
1/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The ESR dominates the switching-frequency
impedance for POSCAPs,. The ESR ramp
voltage is high enough to stabilize the system.
thus eliminating the need for an external ramp.
Select a minimum ESR value around 12mΩ to
ensure stable operation. For simplification, the
output ripple can be approximated as:
ESR
IN
OUT
SW
OUT
OUT
R
)
V
V
1
(
L
F
V
V
×
−
×
×
=
Δ
(26)
Inductor
The inductor supplies constant current to the
output load while being driven by the switching
input voltage. A larger value inductor results in
less ripple current and lower output ripple voltage,
but is larger physical size, has a higher series
resistance, and/or lower saturation current.
Generally, select an inductor value that allows
the inductor peak-to-peak ripple current to 30%
to 40% of the maximum switch current limit. Also,
design for a peak inductor current that is below
the maximum switch current limit. Calculate the
inductance value as:
)
V
V
1
(
I
F
V
L
IN
OUT
L
SW
OUT
−
×
Δ
×
=
(27)
Where ΔIL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated as:
)
V
V
1
(
L
F
2
V
I
I
IN
OUT
SW
OUT
OUT
LP
−
×
×
×
+
=
(28)
Table 1 lists a few highly-recommended high-
efficiency inductors.
Table 1—Inductor Selection Guide
Part Number
Manufacturer
Inductance
(µH)
DCR
(mΩ)
Current
Rating (A)
Dimensions
L x W x H (mm
3)
Switching
Frequency
(kHz)
744325072
Wurth
0.72
1.35
35
10.2 x 10.5 x 4.7
500
FDU1250C-1R0M
TOKO
1
1.72
31.3
13.3 x 12.1 x 5
500
FDA1055-1R5M
TOKO
1.5
2.8
24
11.6 x 10.8 x 5.5
500
744325180
Wurth
1.8
3.5
18
10.2 x 10.5 x 4.7
500
FDA1055-2R2M
TOKO
2.2
3.94
20.6
11.6 x 10.8 x 5.5
500
FDA1055-3R3M
TOKO
3.3
5.92
15.6
11.6 x 10.8 x 5.5
500
HC7-3R9-R
Cooper
3.9
7.9
10.6
13.8 x 13 x 5.5
500
Typical Design Parameter Tables
The following tables include recommended
component values for typical output voltages (1V,
2.5V, 3.3V) and switching frequency (500kHz).
Refer to Tables 2 for design cases without
external ramp compensation and Tables 3 for
design cases with external ramp compensation.
An external ramp is not needed when using high-
ESR
capacitors,
such
as
electrolytic
or
POSCAPs. Use an external ramp when using
low-ESR capacitors, such as ceramic capacitors.
For cases not listed in this datasheet, an excel
spreadsheet
provided
by
local
sales
representatives can assist with the calculations.
Table 2—MP8760D, FSW=500kHz, VIN=12V
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R7
(8)
(kΩ)
1
1
12.7
20
357
2.5
2.2
61.9
20
825
3.3
3.3
88.7
20
1083
Table 3—MP8760D, FSW=500kHz, VIN=12V
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R4
(kΩ)
C4
(pF)
R7
(8)
(kΩ)
1
1
12.7
20
750
220
357
2.5
2.2
64.9
20
1000
220
825
3.3
3.3
93.1
20
1200
220
1083
Notes:
8) Frequency is about 500kHz at full load condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com