Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6533DH Datasheet(PDF) 39 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 39 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 35Page - C-Media Electronics CM6533DH Datasheet HTML 36Page - C-Media Electronics CM6533DH Datasheet HTML 37Page - C-Media Electronics CM6533DH Datasheet HTML 38Page - C-Media Electronics CM6533DH Datasheet HTML 39Page - C-Media Electronics CM6533DH Datasheet HTML 40Page - C-Media Electronics CM6533DH Datasheet HTML 41Page - C-Media Electronics CM6533DH Datasheet HTML 42Page - C-Media Electronics CM6533DH Datasheet HTML 43Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 39 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
Others: Reserved
0
R
busy
The 2-wire serial bus status, 0: idle, 1: busy
0b
(POR)
**Note: When I2C issue interrupt to MCU, MCU needs to read the data numbers that threshold data count specified.
And waits another interrupt until the total data transfer completed.
6.8.14
I2C Slave Memory Address Pointer(MAP) Register
Address: 36h
Bits
R/W
Bit Mnemonic
Description
Default
7:0
R/W
MCU_MAP
The memory addresses of the read or write transactions
from MCU. Address 0 is reserved for initiated
transaction.
00h
(POR)
6.8.15
I2C Slave Status Register
Address: 37h
Bits
R/W
Bit Mnemonic
Description
Default
7
R/W
Sync_en
Synchronization Enable
1: enable (the synchronization selection bit will decide
the method adopted).
0: disable (MCU and ARC should guarantee no data lost
themselves).
1b
(POR)
6
R/W
Int_polarity
The polarity control of pin INT_OUT (initiated
transaction interrupt),
0: high active, 1: low active
0b
(POR)
5:4
R/W
Slave_addr
Slave Device Address
00: select 0001000 (10h) as slave address
01: select 0001001 (12h) as slave address
10: select 0001010 (14h) as slave address
11: select 0001011 (16h) as slave address
01b
(POR)
3
R/W
Sync_sel
Synchronization Method Selection
1: Data synchronization. When this bit is one, if the
current transaction has not been serviced by ARC, the
clock line of the 2-wire serial bus will be pulled low.
Under this situation, the MCU cannot start a new
transaction or continue the current read transaction
until the clock line goes back to high.
0: Ready pin synchronization. If the MCU cannot support
open drain 2-wire serial bus, this bit should be set to
zero. Under this situation, the MCU cannot start a new
transaction or continue the current read transaction
until the pin XSLAVE_RDY goes high to signal that the
driver has serviced the current transaction. Driver
should use “driver acknowledge” to signal the processing
of the current transaction is completed.
1b
(POR)
2
R/W
Int_mask
Interrupt Mask
0: interrupt will happen at a read/write transaction
received or a driver initiated transaction failed
1: interrupt will not happen
0b
(POR)
1
R/W
Dri_init_tran
Driver initiated transaction
Write 1 to start Driver initiated transaction. This bit is
cleared automatically, after ARC initiated transaction
starts. The ARC initiated transaction should be issued
only when the 2-wire slave serial bus is idle. Otherwise,
it will be ignored. The ARC initiated transaction will
0b
(POR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com