Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6533DH Datasheet(PDF) 2 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 2 Page - C-Media Electronics

  CM6533DH Datasheet HTML 1Page - C-Media Electronics CM6533DH Datasheet HTML 2Page - C-Media Electronics CM6533DH Datasheet HTML 3Page - C-Media Electronics CM6533DH Datasheet HTML 4Page - C-Media Electronics CM6533DH Datasheet HTML 5Page - C-Media Electronics CM6533DH Datasheet HTML 6Page - C-Media Electronics CM6533DH Datasheet HTML 7Page - C-Media Electronics CM6533DH Datasheet HTML 8Page - C-Media Electronics CM6533DH Datasheet HTML 9Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 2 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
Release Notes
Revision
Date
Description
1.0
2014/07/08
First release.
1.1
2014/08/05
Modify F/W volume setting table(CH2.6).
1.2
2014/09/18
1. Modify Pin descriptions.
2. Modify Pin out diagram.
1.3
2014/09/19
1. Modify MIC_SWOUT to AO pin.
2. Modify power consumption for 12MHz MCU Clock.
3. Modify Reset diagram of CH6.13.
4. Separate CM6533/CM6533X1/CM6533DH Pin out diagram.
5. Modify flash description: 256K Byte flash(Including 32KB F/W programming
size).
1.4
2015/3/30
1. Remove Microphone input impedance chart.
2. Add Xear and Dolby software function descriptions.(CH7,CH8)
3. Modify Operating ambient temperature to -15~70 oC.
4. Modify CH5.1 CH5.2 USB Topology chart.
5. Modify Block Diagram (Page1).
6. Add Cap-less cross talk performance.
7. Add CM6533N QFN Package.
1.5
2015/08/07
1. Modify CH6.7 Digital microphone descriptions.
1.6
2015/10/29
1. Modify I2C Using Example
2. Modify SPI Using Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com