Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6533DH Datasheet(PDF) 21 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 21 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 17Page - C-Media Electronics CM6533DH Datasheet HTML 18Page - C-Media Electronics CM6533DH Datasheet HTML 19Page - C-Media Electronics CM6533DH Datasheet HTML 20Page - C-Media Electronics CM6533DH Datasheet HTML 21Page - C-Media Electronics CM6533DH Datasheet HTML 22Page - C-Media Electronics CM6533DH Datasheet HTML 23Page - C-Media Electronics CM6533DH Datasheet HTML 24Page - C-Media Electronics CM6533DH Datasheet HTML 25Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 21 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
With the four (4)-preset EQ modes, clients could use embedded FLASH parameters to change the gain values for each
band of the center frequency and hence customize the four (4)-preset EQ curves based on the preset center
frequencies and bandwidth. Alternatively, clients could also skip the four (4) preset modes and create a customized
EQ curve by changing the center frequencies, gain values and even the bandwidth factors in embedded FLASH
parameters to make the headphone sound better or meet some frequency requirements. However, in this case, the
product will always use one optimized EQ setting and could not allow users to dynamically change into different
preset modes. Clients could also consider reporting Treble/Bass feature unit by embedded FLASH to Windows UAA
driver to allow end-users to adjust Bass (F1) and Treble (F5) by themselves. Therefore there are three
usage/application scenarios as shown by the summary table below:
3 EQ Usage/Application Scenarios
No
Scenario
Gain Value
Center Frequency /
Bandwidth Factor
Number of
Modes
User Control Type
1
4 Switchable Presets
Configurable
Fixed
4
Hardware
2
Full-Customized EQ
Configurable
Configurable
1
N.A.
3
Treble/Bass Feature
Unit
Configurable
Configurable
1
Software
**Note: Hardware user control type means end-users could select which EQ mode they are going to use by a hardware
switch/button on the product; software control means they could control the treble/bass gain values by GUI in
Windows OS sound device advanced settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com