Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5321
Description  RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321 Datasheet(HTML) 4 Page - Analog Devices

  ADL5321 Datasheet HTML 1Page - Analog Devices ADL5321 Datasheet HTML 2Page - Analog Devices ADL5321 Datasheet HTML 3Page - Analog Devices ADL5321 Datasheet HTML 4Page - Analog Devices ADL5321 Datasheet HTML 5Page - Analog Devices ADL5321 Datasheet HTML 6Page - Analog Devices ADL5321 Datasheet HTML 7Page - Analog Devices ADL5321 Datasheet HTML 8Page - Analog Devices ADL5321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADL5321
Data Sheet
TYPICAL SCATTERING PARAMETERS
VCC = 5 V and TA = 25°C; the effects of the test fixture have been de-embedded up to the pins of the device.
Table 2.
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
2400
−4.54
129.60
11.90
21.92
−26.72
−33.83
−8.18
−166.39
2450
−4.65
126.65
11.89
18.30
-26.63
−36.64
−8.27
−169.02
2500
−4.79
123.62
11.88
14.57
-26.55
−39.62
−8.37
−171.83
2550
−4.92
120.44
11.87
10.68
−26.48
−42.70
−8.45
−175.32
2600
−5.04
117.31
11.85
6.80
−26.42
−45.95
−8.44
−179.11
2650
−5.17
114.43
11.83
2.90
−26.37
−49.25
−8.39
177.31
2700
−5.33
111.78
11.80
−1.06
−26.34
−52.65
−8.33
173.43
2750
−5.50
109.21
11.77
−5.17
−26.31
−56.16
−8.15
169.22
2800
−5.70
106.84
11.74
−9.36
−26.30
−59.84
−7.90
165.46
2850
−5.94
104.85
11.71
−13.64
−26.30
−63.64
−7.63
161.87
2900
−6.25
103.23
11.66
−18.05
−26.31
−67.63
−7.31
158.01
2950
−6.61
101.91
11.62
−22.58
−26.34
−71.77
−6.88
154.58
3000
−7.03
101.06
11.56
−27.18
−26.37
−76.13
−6.44
151.64
3050
−7.53
100.92
11.50
−31.98
−26.44
−80.76
−6.00
148.53
3100
−8.12
101.82
11.40
−36.95
−26.55
−85.61
−5.53
145.65
3150
−8.78
104.04
11.29
−42.09
−26.68
−90.69
−5.03
143.14
3200
−9.47
107.91
11.15
−47.34
−26.85
−95.96
−4.56
140.74
3250
−10.07
113.72
10.97
−52.74
−27.06
−101.50
−4.08
138.36
3300
−10.45
121.55
10.76
−58.29
−27.32
−107.30
−3.61
136.16
3350
−10.45
130.87
10.49
−63.95
−27.65
−113.32
−3.19
133.97
3400
−10.02
140.04
10.17
−69.56
−28.05
−119.45
−2.80
131.77
3450
−9.25
147.61
9.80
−75.16
−28.49
−125.70
−2.43
129.85
3500
−8.28
153.06
9.39
−80.70
−29.00
−132.04
−2.13
128.08
3550
−7.27
156.76
8.92
−86.04
−29.58
−138.45
−1.89
126.22
3600
−6.34
159.01
8.39
−91.20
−30.20
−144.79
−1.66
124.51
3650
−5.51
160.11
7.83
−96.07
−30.88
−151.12
−1.48
123.23
3700
−4.78
160.43
7.26
−100.64
−31.57
−157.36
−1.37
122.16
3750
−4.14
160.36
6.66
−104.97
−32.29
−163.69
−1.27
121.07
3800
−3.60
160.07
6.04
−108.96
−33.02
−170.01
−1.19
120.25
3850
−3.16
159.62
5.43
−112.61
−33.74
−176.34
−1.14
119.79
3900
−2.78
158.95
4.82
−116.07
−34.44
177.21
−1.12
119.31
3950
−2.45
158.24
4.20
−119.27
−35.12
170.60
−1.10
118.94
4000
−2.17
157.64
3.60
−122.18
−35.74
163.89
−1.09
118.86
Rev. D | Page 4 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com