Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5321
Description  RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321 Datasheet(HTML) 3 Page - Analog Devices

  ADL5321 Datasheet HTML 1Page - Analog Devices ADL5321 Datasheet HTML 2Page - Analog Devices ADL5321 Datasheet HTML 3Page - Analog Devices ADL5321 Datasheet HTML 4Page - Analog Devices ADL5321 Datasheet HTML 5Page - Analog Devices ADL5321 Datasheet HTML 6Page - Analog Devices ADL5321 Datasheet HTML 7Page - Analog Devices ADL5321 Datasheet HTML 8Page - Analog Devices ADL5321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADL5321
SPECIFICATIONS
TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
3.3 V
5 V
Min
Typ
Max
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
2.3
4.0
2.3
4.0
GHz
FREQUENCY = 2.6 GHz
Gain1
12.6
13.2
14.0
14.6
dB
vs. Frequency
±100 MHz
±0.3
±0.4
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.6
±0.7
dB
vs. Supply
3.2 V to 3.4 V, 4.75 V to 5.25 V
±0.16
±0.07
dB
Output 1 dB Compression Point, P1dB
22.0
25.7
dBm
Output Third-Order Intercept, OIP3
∆f = 1 MHz, POUT = 5 dBm per tone
31
41
dBm
Noise Figure
3.5
4.0
dB
FREQUENCY = 3.5 GHz
Gain1
10.4
11.1
12.0
12.9
dB
vs. Frequency
±100 MHz
±0.17
±0.05
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.7
±0.8
dB
vs. Supply
3.2 V to 3.4 V, 4.75 V to 5.25 V
±0.2
±0.07
dB
Output 1 dB Compression Point, P1dB
24.7
25.7
dBm
Output Third-Order Intercept, OIP3
∆f = 1 MHz, POUT = 5 dBm per tone
27
38
dBm
Noise Figure
4.3
4.9
dB
POWER INTERFACE
Pin RFOUT
Supply Voltage
3.3
4.5
5
5.5
V
Supply Current
37
90
100
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
±4.0
±6.0
mA
Power Dissipation
VCC = 3.3 V, VCC = 5 V
122
520
mW
1 Guaranteed maximum and minimum specified limits on this parameter are based on six sigma calculations.
Rev. D | Page 3 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com