Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5321
Description  RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5321 Datasheet HTML 8Page - Analog Devices ADL5321 Datasheet HTML 9Page - Analog Devices ADL5321 Datasheet HTML 10Page - Analog Devices ADL5321 Datasheet HTML 11Page - Analog Devices ADL5321 Datasheet HTML 12Page - Analog Devices ADL5321 Datasheet HTML 13Page - Analog Devices ADL5321 Datasheet HTML 14Page - Analog Devices ADL5321 Datasheet HTML 15Page - Analog Devices ADL5321 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADL5321
Table 8. Load Conditions for GainMAX
Frequency (MHz)
ΓLoad
(Magnitude)
ΓLoad (°)
Gain MAX (dB)
2600
0.6100
136.24
15.02
3500
0.7686
162.58
14.02
3600
0.7057
161.81
13.44
Table 9. Load Conditions for OIP3MAX
Frequency (MHz)
ΓLoad
(Magnitude)
ΓLoad (°)
IP3 MAX (dBm)
2600
0.4705
86.63
41.7
3500
0.6911
142.11
41.37
3600
0.7070
140.65
41.29
WiMAX OPERATION
Figure 33 shows a plot of adjacent channel leakage ratio (ACLR)
vs. POUT for the ADL5321. The signal type used is a WiMAX,
64 QAM, single carrier with a 10 MHz channel bandwidth. This
signal is generated by a WiMAX-enabled source and followed
with suitable band-pass filtering. The band-pass filter helps reduce
the adjacent and alternate channel noise and distortion out of
the signal generator down to −63 dB in the adjacent channels
and −76 dB in the alternate channels at 2.6 GHz and −60 dB
at 3.5 GHz.
Below an output power of 7 dBm, measured ADL5321 output
spectral performance is limited by the signal quality from the
signal source used (−63 dB at 2.6 GHz and −60 dB at 3.5 GHz).
At high power operation, input power to the ADL5321 is 1 dBm
for 15 dBm output power and the source ACLR is −60.2 dB. It
is expected that with a better signal source, the ADL5321 output
spectral quality improves further, especially at output power
levels ≤10 dBm. For instance, the ADL5373 quadrature modulator
measured ACLR is −69 dB for an output power of −10 dBm.
For output powers up to 10 dBm rms, the ADL5321 adds very
little distortion to the output spectrum. At 2.6 GHz, the ACLR is
−59 dB and a relative constellation error of −46.6 dB (<0.5% EVM)
at an output power of 10 dBm rms.
Figure 33. ACLR vs. POUT, WiMAX 64 QAM, 10 MHz Bandwidth, Single Carrier
Figure 34. RCE/EVM vs. POUT, WiMAX 64 QAM, 10 MHz Bandwidth, Single Carrier
–30
–40
–50
–60
–70
–80
–90
–10
–5
0
5
10
15
20
POUT (dBm)
ADJ CH LOW 2.6 GHZ
ALT CH LOW 2.6 GHZ
ADJ CH LOW 3.5 GHZ
ALT CH UP 3.5 GHZ
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–20
–15
–10
–5
0
5
10
15
20
POUT (dBm)
2.6 GHz
3.5 GHz
Rev. D | Page 13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com