Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUW-CFUP Datasheet(PDF) 4 Page - OSRAM GmbH

Part # CUW-CFUP
Description  Ceramic package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CUW-CFUP Datasheet(HTML) 4 Page - OSRAM GmbH

  CUW-CFUP Datasheet HTML 1Page - OSRAM GmbH CUW-CFUP Datasheet HTML 2Page - OSRAM GmbH CUW-CFUP Datasheet HTML 3Page - OSRAM GmbH CUW-CFUP Datasheet HTML 4Page - OSRAM GmbH CUW-CFUP Datasheet HTML 5Page - OSRAM GmbH CUW-CFUP Datasheet HTML 6Page - OSRAM GmbH CUW-CFUP Datasheet HTML 7Page - OSRAM GmbH CUW-CFUP Datasheet HTML 8Page - OSRAM GmbH CUW-CFUP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2014-01-16
4
Version 1.1
CUW CFUP
Characteristics (TS = 25 °C; IF = 1000 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931
2) page 21
Farbkoordinaten nach CIE 1931 2) Seite 21
(typ.)
(typ.)
Cx
Cy
0.344
0.375
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
120
°
Forward voltage 3) page 21
Durchlassspannung 3)Seite 21
(min.)
(typ.)
(max.)
VF
VF
VF
2.80
3.50
4.20
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 21
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 21
(typ.)
(max.)
Rth JS real
Rth JS real
14
18
K/W
K/W
"Electrical" thermal resistance junction / solder
point 4)page 21
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 4)Seite 21
(with efficiency ηe = 20 %)
(typ.)
(max.)
Rth JS el
Rth JS el
11
14
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com