Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUW-CFUP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # CUW-CFUP
Description  Ceramic package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CUW-CFUP Datasheet(HTML) 5 Page - OSRAM GmbH

  CUW-CFUP Datasheet HTML 1Page - OSRAM GmbH CUW-CFUP Datasheet HTML 2Page - OSRAM GmbH CUW-CFUP Datasheet HTML 3Page - OSRAM GmbH CUW-CFUP Datasheet HTML 4Page - OSRAM GmbH CUW-CFUP Datasheet HTML 5Page - OSRAM GmbH CUW-CFUP Datasheet HTML 6Page - OSRAM GmbH CUW-CFUP Datasheet HTML 7Page - OSRAM GmbH CUW-CFUP Datasheet HTML 8Page - OSRAM GmbH CUW-CFUP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.1
CUW CFUP
2014-01-16
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux
1) page 21
Luminous Flux
1) page 21
Luminous Intensity
2) page 21
Gruppe
Lichtstrom 1)Seite 21
Lichtstrom 1) Seite 21
Lichtstärke 2) Seite 21
(min.) ΦV [lm]
(max.) ΦV [lm]
(typ.) IV [cd]
8M
250
280
87.5
5N
280
315
98.2
6N
315
355
110.6
Note: The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.: Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com