Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUW-CFUP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # CUW-CFUP
Description  Ceramic package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CUW-CFUP Datasheet(HTML) 1 Page - OSRAM GmbH

  CUW-CFUP Datasheet HTML 1Page - OSRAM GmbH CUW-CFUP Datasheet HTML 2Page - OSRAM GmbH CUW-CFUP Datasheet HTML 3Page - OSRAM GmbH CUW-CFUP Datasheet HTML 4Page - OSRAM GmbH CUW-CFUP Datasheet HTML 5Page - OSRAM GmbH CUW-CFUP Datasheet HTML 6Page - OSRAM GmbH CUW-CFUP Datasheet HTML 7Page - OSRAM GmbH CUW-CFUP Datasheet HTML 8Page - OSRAM GmbH CUW-CFUP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2014-01-16
1
2014-01-16
CERAMOS
Datasheet
Version 1.1
CUW CFUP
Small size high-flux LED for slim designs
Hocheffiziente, kompakte Lichtquelle für
platzsparende Designs
Features:
Besondere Merkmale:
• Package: Ceramic package
• Gehäusetyp: Keramikgehäuse
• Technology: ThinGaN (UX:3)
• Technologie: ThinGaN (UX:3)
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: Cx = 0.34, Cy = 0.38 acc. to CIE 1931
(ultra white); CTR = 5100 K
• Farbe: Cx = 0.34, Cy = 0.38 nach CIE 1931 (ultra
weiß); CTR = 5100 K
• ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B); 500
V acc. to JESD22-C101 (CDM, Class III)
• ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B); 500 V CDM nach
JESD22-C101 (CDM, Klasse III)
Applications
Anwendungen
• Camera Flash and Video Light
• Blitzlicht für Kameras/ Videoleuchte
•Torch Light
• Taschenlampe


Similar Part No. - CUW-CFUP

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
CUW-Y3SH-B1 AMSOSRAM-CUW-Y3SH-B1 Datasheet
1Mb / 27P
Micro SIDELED® 3806
Version 1.5 2022-06-03
CUW-Y3SH-B2 AMSOSRAM-CUW-Y3SH-B2 Datasheet
1Mb / 24P
Micro SIDELED® 3806
Version 1.2 2024-08-14
logo
OSRAM GmbH
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
More results

Similar Description - CUW-CFUP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCEUN.CE-7K6L-HNJN-1 OSRAM-LUWCEUN.CE-7K6L-HNJN-1 Datasheet
764Kb / 23P
Ceramic package
LUWCEUP.CE-5M8M-HNJN-1 OSRAM-LUWCEUP.CE-5M8M-HNJN-1 Datasheet
776Kb / 23P
Ceramic package
LUWCEUP.HD-7M6N-U1U3-8E8G OSRAM-LUWCEUP.HD-7M6N-U1U3-8E8G Datasheet
767Kb / 23P
Ceramic package
CUWCFUP OSRAM-CUWCFUP Datasheet
1Mb / 22P
Ceramic package
KW-CSLPM2.PC OSRAM-KW-CSLPM2.PC Datasheet
836Kb / 25P
Ceramic package
LUW-CEUN.CE OSRAM-LUW-CEUN.CE Datasheet
764Kb / 23P
Ceramic package
LUW-CEUP.CE OSRAM-LUW-CEUP.CE Datasheet
805Kb / 23P
Ceramic package
logo
Luna Innovations Incorp...
NSL-4132 LUNA-NSL-4132 Datasheet
76Kb / 2P
Ceramic Package Photocell
NSL-4142 LUNA-NSL-4142 Datasheet
72Kb / 2P
Ceramic Package Photocell
NSL5162 LUNA-NSL5162 Datasheet
97Kb / 2P
Ceramic Package Photocell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com